công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320C28343 bảng dữ liệu(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320C28343
Giải thích chi tiết về linh kiện  Delfino Microcontrollers
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320C28343 bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button TMS320C28343 Datasheet HTML 18Page - Texas Instruments TMS320C28343 Datasheet HTML 19Page - Texas Instruments TMS320C28343 Datasheet HTML 20Page - Texas Instruments TMS320C28343 Datasheet HTML 21Page - Texas Instruments TMS320C28343 Datasheet HTML 22Page - Texas Instruments TMS320C28343 Datasheet HTML 23Page - Texas Instruments TMS320C28343 Datasheet HTML 24Page - Texas Instruments TMS320C28343 Datasheet HTML 25Page - Texas Instruments TMS320C28343 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 170 page
background image
22
TMS320C28346, TMS320C28345, TMS320C28344
TMS320C28343, TMS320C28342, TMS320C28341
SPRS516E – MARCH 2009 – REVISED AUGUST 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: TMS320C28346 TMS320C28345 TMS320C28344 TMS320C28343 TMS320C28342
TMS320C28341
Terminal Configuration and Functions
Copyright © 2009–2018, Texas Instruments Incorporated
Table 4-1. Signal Descriptions (continued)
NAME
ZHH
BALL #
ZFE
BALL #
DESCRIPTION
GPIO55
SPISOMIA
XD24
EQEP3B
N12
P13
General-purpose input/output 55 (I/O/Z)
SPI-A slave out, master in (I/O)
External Interface Data Line 24 (O)
Enhanced QEP3 input B (I)
GPIO56
SPICLKA
XD23
EQEP3S
P13
R14
General-purpose input/output 56 (I/O/Z)
SPI-A clock (I/O)
External Interface Data Line 23 (O)
Enhanced QEP3 strobe (I/O)
GPIO57
SPISTEA
XD22
EQEP3I
N13
P15
General-purpose input/output 57 (I/O/Z)
SPI-A slave transmit enable (I/O)
External Interface Data Line 22 (O)
Enhanced QEP3 index (I/O)
GPIO58
MCLKRA
XD21
EPWM7A
P14
N16
General-purpose input/output 58 (I/O/Z)
McBSP-A receive clock (I/O)
External Interface Data Line 21 (O)
Enhanced PWM 7 output A and HRPWM channel (O)
GPIO59
MFSRA
XD20
EPWM7B
M13
N15
General-purpose input/output 59 (I/O/Z)
McBSP-A receive frame synch (I/O)
External Interface Data Line 20 (O)
Enhanced PWM 7 output B (O)
GPIO60
MCLKRB
XD19
EPWM8A
M14
M16
General-purpose input/output 60 (I/O/Z)
McBSP-B receive clock (I/O)
External Interface Data Line 19 (O)
Enhanced PWM 8 output A and HRPWM channel (O)
GPIO61
MFSRB
XD18
EPWM8B
L12
M15
General-purpose input/output 61 (I/O/Z)
McBSP-B receive frame synch (I/O)
External Interface Data Line 18 (O)
Enhanced PWM8 output B (O)
GPIO62
SCIRXDC
XD17
EPWM9A
L13
M14
General-purpose input/output 62 (I/O/Z)
SCI-C receive data (I)
External Interface Data Line 17 (O)
Enhanced PWM9 output A and HRPWM channel (O)
GPIO63
SCITXDC
XD16
EPWM9B
K13
L16
General-purpose input/output 63 (I/O/Z)
SCI-C transmit data (O)
External Interface Data Line 16 (O)
Enhanced PWM9 output B (O)
GPIO64
-
XD15
K12
L15
General-purpose input/output 64 (I/O/Z)
-
External Interface Data Line 15 (O)
GPIO65
-
XD14
K14
L14
General-purpose input/output 65 (I/O/Z)
-
External Interface Data Line 14 (O)
GPIO66
-
XD13
J11
K15
General-purpose input/output 66 (I/O/Z)
-
External Interface Data Line 13 (O)
GPIO67
-
XD12
J12
K14
General-purpose input/output 67 (I/O/Z)
-
External Interface Data Line 12 (O)
GPIO68
-
XD11
J13
J15
General-purpose input/output 68 (I/O/Z)
-
External Interface Data Line 11 (O)
GPIO69
-
XD10
H13
J14
General-purpose input/output 69 (I/O/Z)
-
External Interface Data Line 10 (O)
GPIO70
-
XD9
H12
H16
General-purpose input/output 70 (I/O/Z)
-
External Interface Data Line 9 (O)
GPIO71
-
XD8
G12
H15
General-purpose input/output 71 (I/O/Z)
-
External Interface Data Line 8 (O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com