| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E32-R16 bảng dữ liệu(PDF) 52 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 bảng dữ liệu(HTML) 52 Page - Omron Electronics LLC |
|
52 / 108 page ![]() E32 E32 53 Engineering Data J EXCESS GAIN RATIO With standard sensing object. With standard target at maximum sensitivity. Standard E32-TC200 with E3X-DAN amplifier (Through-beam) E32-DC200 with E3X-DAN amplifier (Reflective) E32-D21L with E3X-DAN amplifier (Reflective) Long distance High speed Distance (m) Long distance Standard High speed Distance (mm) Long distance Standard High speed Distance (mm) Oper- ating level Oper- ating level Oper- ating level Through-beam Type, General Purpose E32-T11 with E3X-A11 amplifier Sensing distance (mm) 100 50 30 10 5 1 0 50 100 150 200 250 300 Operating level 350 400 100 10 1 0.1 100 200 300 0 E32-T11 with E3JU-XR amplifier Sensing distance (mm) |