| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E32-R16 bảng dữ liệu(PDF) 56 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 bảng dữ liệu(HTML) 56 Page - Omron Electronics LLC |
|
56 / 108 page ![]() E32 E32 57 J EXCESS GAIN RATIO (CONT.) Through-beam Type, General Purpose E32-TC50/TC200/TC500/TC1000 with E3X-A11 amplifier Sensing distance (mm) E32-TC200 with E39-F1 and E3X-A amplifier Sensing distance (m) Operating level E32-TC200 with E39-F2 and E3X-A amplifier Sensing distance (mm) Operating level E32-TC200 with E3X-H11 amplifier Sensing distance (mm) Sensingdistance E32-TC200 with E39-F1 and E3X-H11 amplifier Sensing distance (m) Sensingdistance E32-TC200 with E3X-DA amplifier High speed Sensing distance (m) Oper- ating level Long distance Standard E32-TC200 with E3X-NM and E3X-NT amplifiers Sensing distance (mm) Sensing distance E32-TC200 with E3X-NH amplifier E32-TC200 with E39-F1 and E3X-NH amplifier Sensing distance (m) Sensing distance Sensing distance (mm) Sensing distance E3X-NT E3X-NM Operating level |