| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E32-R16 bảng dữ liệu(PDF) 57 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E32-R16 bảng dữ liệu(HTML) 57 Page - Omron Electronics LLC |
|
57 / 108 page ![]() E32 E32 58 J EXCESS GAIN RATIO (CONT.) Through-beam Type, General Purpose Sensing distance (mm) E3X-NV Detection distance E32-TC200 with E3X-NV amplifier 100 10 1 0.1 200 400 600 0 Sensing distance (mm) E32-TC200 with E3JU-XR amplifier E32-TC200 with E3X-DA amplifier in analog mode Sensing distance (mm) E32-TC200A with E3X-A11 amplifier Sensing distance (mm) Operating level E32-TC200A with E3XA-CC4A analog output amplifier Sensing distance (mm) Adjuster: MAX. Adjuster: MID. Adjuster: MIN. Vcc =12 V E32-TC200 with E3XA-CC4A analog output amplifier Sensing distance (mm) Adjuster: MAX. Adjuster: MID. Adjuster: MIN. Vcc =12 V E32-TC200C with E3XA-CC4A analog output amplifier Sensing distance (cm) Adjuster: MAX. Vcc =12 V Sensing distance (mm) Operating level E32-TC200E with E3X-A11 amplifier Sensing distance (cm) Adjuster: MAX. Vcc =12 V E32-TC200E with E3XA-CC4A analog output amplifier |