| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9577BCPZ-R7 bảng dữ liệu(PDF) 39 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9577BCPZ-R7 bảng dữ liệu(HTML) 39 Page - Analog Devices |
|
39 / 44 page ![]() Data Sheet AD9577 Rev. A | Page 39 of 44 Table 30. Internal Register Map Register Name R/W Addr D7 D6 D5 D4 D3 D2 D1 D0 C0 W 0x40 0 0 0 0 0 0 EnI2C 0 X0 W 0x1F 0 0 0 0 0 0 0 NewAcq BP0 W 0x11 0 0 0 0 0 Bleed PDCH1 PDCH0 AF0 W 0x18 0 0 Na[5:0], PLL1 feedback divider ratio BF3 W 0x1C 0 0 Nb[5:0], PLL2 feedback divider ratio BF0 W 0x19 FRAC[11:4], SDM fractional word BF1 W 0x1A FRAC[3:0], SDM fractional word MOD[11:8], SDM modulus BF2 W 0x1B MOD[7:0], SDM modulus ABF0 W 0x1D 1 1 0 PD_SDM 0 0 0 0 ADV0 W 0x22 V0[2:0], Channel 0 VCO divider D0[4:0], Channel 0 output divider value ADV1 W 0x23 V1[2:0], Channel 1 VCO divider D1[4:0], Channel 1 output divider value ADV2 W 0x24 0 0 0 0 0 0 0 SyncCh01 BDV0 W 0x25 V2[2:0], Channel 2 VCO divider D2[4:0], Channel 2 output divider value BDV1 W 0x26 V3[2:0], Channel 3 VCO divider D3[4:0], Channel 3 output divider value BDV2 W 0x27 0 0 0 0 0 0 0 SyncCh23 BS1 W 0x2A FracStep[7:0], SSCG fractional step size BS2 W 0x2B NumSteps[8:1], number of fractional word increments/decrements per half triangular-wave cycle BS3 W 0x2C NumSteps[0] CkDiv[6:0], reference divider output is divided by this integer to determine SSCG update rate AM0 W 0x30 0 0 Na[5:0], PLL1 feedback divider ratio divider; MARGIN = 1 AM1 W 0x31 V0[2:0], Channel 0 VCO divider; MARGIN = 1 D0[4:0], Channel 0 output divider value; MARGIN = 1 AM2 W 0x32 V1[2:0], Channel 1 VCO divider; MARGIN = 1 D1[4:0], Channel 1 output divider value; MARGIN = 1 BM0 W 0x33 0 0 Nb[5:0], PLL2 feedback divider ratio divider; MARGIN = 1 BM1 W 0x34 FRAC[11:4], SDM fractional word; MARGIN = 1 BM2 W 0x35 FRAC[3:0], SDM fractional word; MARGIN = 1 MOD[11:8], SDM modulus; MARGIN = 1 BM3 W 0x36 MOD[7:0], SDM modulus; MARGIN = 1 BM4 W 0x37 V3[2:0], Channel 3 VCO divider; MARGIN = 1 D3[4:0], Channel 3 output divider value; MARGIN = 1 BM5 W 0x38 V2[2:0], Channel 2 VCO divider; MARGIN = 1 D2[4:0], Channel 2 output divider value; MARGIN = 1 DR1 W 0x3A PDCH3 PDCH2 FORMAT2[2:0], output format selection for PLL2 (see Table 21) FORMAT1[2:0], output format selection for PLL1 (see Table 20) DR2 W 0x3B 0 0 0 0 0 0 0 PDRefOut G0 W 0x3D 0 0 0 0 PDPLL1, power- down PLL1 PDPLL2, power- down PLL2 R; 0 = divide by 1 0 |