| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC802 bảng dữ liệu(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC802 bảng dữ liệu(HTML) 14 Page - NXP Semiconductors |
|
14 / 83 page ![]() LPC802 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 1.6 — 27 April 2018 14 of 83 NXP Semiconductors LPC802 32-bit ARM Cortex-M0+ microcontroller 8. Movable functions Movable functions for the I2C, USART, SPI, CTimer pins and other peripherals can be assigned through the switch matrix to any pin that is not power or ground in place of the fixed functions of the pin. Table 5. Movable functions (assign to pins PIO0_0 to PIO0_5, PIO0_7 to PIO0_17 through switch matrix) Function name Type Description Ux_TXD O Transmitter output for USART0 to USART1. Ux_RXD I Receiver input for USART0 to USART1. Ux_RTS O Request To Send output for USART0. Ux_CTS I Clear To Send input for USART0. Ux_SCLK I/O Serial clock input/output for USART0 to USART1 in synchronous mode. SPIx_SCK I/O Serial clock for SPI0. SPIx_MOSI I/O Master Out Slave In for SPI0. SPIx_MISO I/O Master In Slave Out for SPI0. SPIx_SSEL0 I/O Slave select 0 for SPI0. SPIx_SSEL1 I/O Slave select 1 for SPI0. I2Cx_SDA I/O I2C0 bus data input/output. I2Cx_SCL I/O I2C0 bus clock input/output. ACMP_O O Analog comparator output. CLKOUT O Clock output. GPIO_INT_BMAT O Output of the pattern match engine. T0_MAT0 O Timer Match channel 0. T0_MAT1 O Timer Match channel 1. T0_MAT2 O Timer Match channel 2. T0_MAT3 O Timer Match channel 3. T0_CAP0 I Timer Capture channel 0. T0_CAP1 I Timer Capture channel 1. T0_CAP2 I Timer Capture channel 2. LVLSHFT_IN0 I Level shift input 0. LVLSHFT_IN1 I Level shift input 1. LVLSHFT_OUT0 O Level shift output 0. LVLSHFT_OUT1 O Level shift output 1. |