| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADDI7100BCPZ bảng dữ liệu(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADDI7100BCPZ bảng dữ liệu(HTML) 6 Page - Analog Devices |
|
6 / 20 page ![]() ADDI7100 Data Sheet Rev. E | Page 6 of 20 CCD SIGNAL (CCDIN) EFFECTIVE PIXELS CLPOB OPTICAL BLACK PIXELS HORIZONTAL BLANKING DUMMY PIXELS EFFECTIVE PIXELS PBLK NOTES 1. CLPOB AND PBLK SHOULD BE ALIGNED WITH THE CCD SIGNAL INPUT (CCDIN). CLPOB WILL OVERWRITE PBLK. PBLK WILL NOT AFFECT CLAMP OPERATION IF OVERLAPPING WITH CLPOB. 2. PBLK SIGNAL IS OPTIONAL. KEEP THE PBLK PIN IN THE INACTIVE STATE IF NOT USED. 3. DIGITAL OUTPUT DATA WILL BE ALL ZEROS DURING PBLK. OUTPUT DATA LATENCY IS FIFTEEN DATACLK CYCLES. OUTPUT DATA EFFECTIVE PIXEL DATA OB PIXEL DATA DUMMY BLACK EFFECTIVE DATA ACTIVE ACTIVE Figure 4. Typical Clamp Timing (Default Polarity Settings) |