công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

OL2385SWUG bảng dữ liệu(PDF) 54 Page - NXP Semiconductors

tên linh kiện OL2385SWUG
Giải thích chi tiết về linh kiện  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG bảng dữ liệu(HTML) 54 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 50Page - NXP Semiconductors OL2385SWUG Datasheet HTML 51Page - NXP Semiconductors OL2385SWUG Datasheet HTML 52Page - NXP Semiconductors OL2385SWUG Datasheet HTML 53Page - NXP Semiconductors OL2385SWUG Datasheet HTML 54Page - NXP Semiconductors OL2385SWUG Datasheet HTML 55Page - NXP Semiconductors OL2385SWUG Datasheet HTML 56Page - NXP Semiconductors OL2385SWUG Datasheet HTML 57Page - NXP Semiconductors OL2385SWUG Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
54 / 64
This means that the signal will be high (–80 dBm power level) during 9.990 s and low
10 ms (total duration 10 s). When executing this test with the device, it should be able
to transmit the first frame and second frame only. According to the LBT concept, after
frame 1 has been successfully transmitted, frame 2 and frame 3 have combined a total of
only 8 s to find a free channel and get transmitted. In this test setup as frame 2 will find a
free channel and gets transmitted, the duration of 8 s will be over by it getting transmitted
and therefore frame 3 does not have time left to get transmitted. According to the timing
diagram below, because we have no time left after frame 2 transmission, successful
transmission of frame 3 should not take place.
Figure 38. LBT test - Only frames 1, 2 pass
Steps for LBT testing:
1. Press the reset button on the KL43Z to start from the beginning. (optional)
2. Choose Send Wake up: Type
1, and then press Enter. (This step is optional and not
required if the device has not had a recent reset or it is already awake)
3. Take an RCZ3 board and choose the region Change to RCZ3: Type
17, and then
press Enter. This will program the opening center frequencies of RCZ3 region into the
OL2385.
4. Prepare any one of your test signals as per the explanation in the previous sections
(frequency, power level, test signal) on the vector signal generator. Connect the signal
generator RF output to RF input of the OL2385 based device.
5. Turn on the signal by ticking on the check mark on the block RF-A mod on the signal
generator.
6. Choose
Send payload: Type 4, and then press Enter; type a payload length up to 12
bytes, and then press Enter; type
payload hex bytes and press Enter.
7. Check the SPI RX buffer bytes on the terminal. If test setup 1 or 3 was used, the
second byte should be 0. If test setup 2 was used, second byte should be 0x3Bu.
Detailed level of proof can only be checked using breakpoints inside the code to track
transmitted frame numbers.
7.3.6 Receiver sensitivity testing (Test mode 3)
This test is also referred to as RX sensitivity test, which aims to check that your end
product has no issue in the RX path and is able to demodulate at 600 bps GFSK. This
is mentioned in the test document UNBT Test plan (PTP_UNBT_production.pdf located
at nxp.com/OM2385). This test can be useful when one does not have SFXIQ SIGFOX
certification tool to check the sensitivity. The test includes activating the OL2385 receiver
at the center RX frequency of a region by invoking the test mode 3 via SPI command
and then monitoring on an extra terminal program for the pass/fail criteria of frames and
their measured RSSI level. The frames are also needed to be sent on the set RX center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com