công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DLPC6421 bảng dữ liệu(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DLPC6421
Giải thích chi tiết về linh kiện  DLP Display Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC6421 bảng dữ liệu(HTML) 42 Page - Texas Instruments

Back Button DLPC6421 Datasheet HTML 38Page - Texas Instruments DLPC6421 Datasheet HTML 39Page - Texas Instruments DLPC6421 Datasheet HTML 40Page - Texas Instruments DLPC6421 Datasheet HTML 41Page - Texas Instruments DLPC6421 Datasheet HTML 42Page - Texas Instruments DLPC6421 Datasheet HTML 43Page - Texas Instruments DLPC6421 Datasheet HTML 44Page - Texas Instruments DLPC6421 Datasheet HTML 45Page - Texas Instruments DLPC6421 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Vertical Back Porch (VBP)
Vertical Front Porch (VFP)
Horizontal
Back
Porch
(HBP)
Horizontal
Front
Porch
(HFP)
TLPF
TPPL
APPL
ALPF
42
DLPC6421
DLPS117 – JULY 2018
www.ti.com
Product Folder Links: DLPC6421
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
11 Device and Documentation Support
11.1 Device Support
11.1.1 Video Timing Parameter Definitions
•
Active Lines Per Frame (ALPF) - Defines the number of lines in a Frame containing displayable data: ALPF
is a subset of the TLPF.
•
Active Pixels Per Line (APPL) - Defines the number of pixel clocks in a line containing displayable data:
APPL is a subset of the TPPL.
•
Horizontal Back Porch Blanking (HBP) - Number of blank pixel clocks after Horizontal Sync but before the
first active pixel. Note: HBP times are reference to the leading (active) edge of the respective sync signal.
•
Horizontal Front Porch Blanking (HFP) - Number of blank pixel clocks after the last active pixel but before
Horizontal Sync.
•
Horizontal Sync (HS) – Timing reference point that defines the start of each horizontal interval (line). The
absolute reference point is defined by the “active” edge of the HS signal. The “active” edge (either rising or
falling edge as defined by the source) is the reference from which all Horizontal Blanking parameters are
measured.
•
Total Lines Per Frame (TLPF) - Defines the Vertical Period (or Frame Time) in lines: TLPF = Total number
of lines per frame (active and inactive).
•
Total Pixel Per Line (TPPL) - Defines the Horizontal Line Period in pixel clocks: TPPL = Total number of
pixel clocks per line (active and inactive).
•
Vertical Back Porch Blanking (VBP) - Number of blank lines after Vertical Sync but before the first active
line.
•
Vertical Front Porch Blanking (VFP) - Number of blank lines after the last active line but before Vertical
Sync.
•
Vertical Sync (VS) - Timing reference point that defines the start of the vertical interval (frame). The absolute
reference point is defined by the “active” edge of the VS signal. The “active” edge (either rising or falling edge
as defined by the source) is the reference from which all Vertical Blanking parameters are measured.
Figure 18. Timing Parameter Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com