công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS61372 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TPS61372
Giải thích chi tiết về linh kiện  16-V, 3.6-A Synchronous Boost with Load Disconnect
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61372 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button TPS61372 Datasheet HTML 6Page - Texas Instruments TPS61372 Datasheet HTML 7Page - Texas Instruments TPS61372 Datasheet HTML 8Page - Texas Instruments TPS61372 Datasheet HTML 9Page - Texas Instruments TPS61372 Datasheet HTML 10Page - Texas Instruments TPS61372 Datasheet HTML 11Page - Texas Instruments TPS61372 Datasheet HTML 12Page - Texas Instruments TPS61372 Datasheet HTML 13Page - Texas Instruments TPS61372 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
VIN
EN
SW
FB
GND
L
RUP
RDOWN
OFF
ON
CIN
VOUT
COUT
BST
CBST
RC
Cc
Cp
COMP
VCC
+
VREF
+
+
Gm
S
Q
R
VREG
BST
SW
LS
DRV
HS
DRV
VOUT
Q
Hiccup
VOUT
Control
VOUT
VIN
Fault
Proteciton
UVLO,
OVP,
Thermal
BOOT
REG
Isolation
FET
Control
VOUT
1/K
VOUT
VIN
VOUT
VIN
Zero
crossing
VMAX
PWM
Comparator
REF
Soft
start
Clamp
Circuitry
Current limit
trigger
TOFF
MODE
Auto
PFM
Forced
PWM
VIN
Copyright © 2017, Texas Instruments Incorporated
10
TPS61372
SLVSEE7 – JUNE 2018
www.ti.com
Product Folder Links: TPS61372
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The TPS61372 is a high-integrated synchronous boost regulator to support 16-V output with load disconnect
built-in. The TPS61372 supports the input voltage ranging from 2.5 V to 5.5 V. The TPS61372 uses the peak
current mode with adaptive off-time control topology to regulate the output voltage. The TPS61372 operates at a
quasi-constant frequency pulse-width modulation (PWM) at the moderate to heavy load current. High efficiency is
achieved at light load as the TPS61372 operates in PFM operation. The device could be also configured at the
forced PWM mode to keep the frequency be constant across whole load range for the noise sensitive
applications.
8.2 Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com