công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS61372 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TPS61372
Giải thích chi tiết về linh kiện  16-V, 3.6-A Synchronous Boost with Load Disconnect
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61372 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  TPS61372 Datasheet HTML 1Page - Texas Instruments TPS61372 Datasheet HTML 2Page - Texas Instruments TPS61372 Datasheet HTML 3Page - Texas Instruments TPS61372 Datasheet HTML 4Page - Texas Instruments TPS61372 Datasheet HTML 5Page - Texas Instruments TPS61372 Datasheet HTML 6Page - Texas Instruments TPS61372 Datasheet HTML 7Page - Texas Instruments TPS61372 Datasheet HTML 8Page - Texas Instruments TPS61372 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
GND
SW
VOUT
NC
GND
SW
VOUT
COMP
GND
SW
VOUT
FB
EN
BST
VIN
MODE
B3
C3
D3
A3
B2
C2
D2
A2
B1
C1
D1
A1
B4
C4
D4
A4
3
TPS61372
www.ti.com
SLVSEE7 – JUNE 2018
Product Folder Links: TPS61372
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Device Comparison Table
Part Number
Operation Mode at Light Load
TPS61372
Auto PFM / Forced PWM Selectable
6 Pin Configuration and Functions
(YKB)
(16-Pin WCSP)
Top View
Table 1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
FB
A1
I
Output voltage feedback, a resistor divider connecting to this pin sets the output voltage.
COMP
A2
O
Output of the internal error amplifier. The loop compensation network should be connected
between this pin and GND.
NC
A3
I
No connection; tie directly to VIN pin is suggested.
MODE
A4
I
Operation mode selection pin. MODE = Low, the device works in the Auto PFM mode with
good light load efficiency. MODE = High, the device is in the forced PWM mode, keeps the
switching frequency be constant across the whole load range.
GND
B1, B2, B3
-
Ground.
EN
B4
I
Enable logic input. Logic high level enables the device. Logic low level disables the device and
turns it into shutdown mode.
SW
C1, C2, C3
PWR
The switching node pin of the converter. It is connected to the drain of the internal low-side
FET and the source of the internal high-side FET
BST
C4
O
Power supply for high-side FET gate driver. A capacitor must be connected between this pin
and the SW pin
VOUT
D1, D2, D3
PWR
Boost converter output.
VIN
D4
I
IC power supply input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com