công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TPS61372 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TPS61372
Giải thích chi tiết về linh kiện  16-V, 3.6-A Synchronous Boost with Load Disconnect
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61372 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  TPS61372 Datasheet HTML 1Page - Texas Instruments TPS61372 Datasheet HTML 2Page - Texas Instruments TPS61372 Datasheet HTML 3Page - Texas Instruments TPS61372 Datasheet HTML 4Page - Texas Instruments TPS61372 Datasheet HTML 5Page - Texas Instruments TPS61372 Datasheet HTML 6Page - Texas Instruments TPS61372 Datasheet HTML 7Page - Texas Instruments TPS61372 Datasheet HTML 8Page - Texas Instruments TPS61372 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
4
TPS61372
SLVSEE7 – JUNE 2018
www.ti.com
Product Folder Links: TPS61372
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Voltage range at terminals(2)
BST
–0.3
SW+6
V
VOUT (EN=0)
-0.3
24
V
SW (DC), VOUT
-0.3
19
V
SW
(AC transient, 10ns)
–0.9
19
V
VIN, EN, COMP, FB, MODE, NC
–0.3
6
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges in
to the device.
(2)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows
safe manufacturing with a standard ESD control process. Manufacturing with less than 500-V HBM is possible with the necessary
precautions.
(3)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process. Manufacturing with less than 250-V CDM is possible with the necessary
precautions.
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
(1)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(2)
±1500
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(3)
±500
7.3 Recommended Operating Conditions
Over operating free-air temperature range unless otherwise noted.
MIN
NOM
MAX
UNIT
VIN
Input voltage
2.5
5
V
VOUT
Output voltage
5
16
V
L
2.2
µH
CIN
Input capacitance range
10
µF
COUT
Output capacitance range
3x10
µF
CBST
Boot strap capacitance
20
200
nF
TJ
Operating junction temperature
–40
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com