| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF3430 bảng dữ liệu(PDF) 16 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
REF3430 bảng dữ liệu(HTML) 16 Page - Texas Instruments |
|
16 / 28 page ![]() J A D JA T T P R T u 16 REF3425-Q1, REF3430-Q1, REF3433-Q1, REF3440-Q1, REF3450-Q1 SBAS901 – JULY 2018 www.ti.com Product Folder Links: REF3425-Q1 REF3430-Q1 REF3433-Q1 REF3440-Q1 REF3450-Q1 Submit Documentation Feedback Copyright © 2018, Texas Instruments Incorporated Feature Description (continued) 9.3.3 Load Current The REF34xx-Q1 family is specified to deliver a current load of ±10 mA per output. The VREF output of the device are protected from short circuits by limiting the output short-circuit current to 18 mA. The device temperature increases according to Equation 4: where • TJ = junction temperature (°C), • TA = ambient temperature (°C), • PD = power dissipated (W), and • RθJA = junction-to-ambient thermal resistance (°C/W) (4) The REF34xx-Q1 maximum junction temperature must not exceed the absolute maximum rating of 150°C. 9.4 Device Functional Modes 9.4.1 EN Pin When the EN pin of the REF34xx-Q1 is pulled high, the device is in active mode. The device must be in active mode for normal operation. The REF34xx-Q1 can be placed in a low-power mode by pulling the ENABLE pin low. When in shutdown mode, the output of the device becomes high impedance and the quiescent current of the device reduces to 2 µA in shutdown mode. The EN pin must not be pulled higher than VIN supply voltage. See the Thermal Information for logic high and logic low voltage levels. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |