| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F62XT bảng dữ liệu(PDF) 10 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F62XT bảng dữ liệu(HTML) 10 Page - Microchip Technology |
|
10 / 170 page ![]() PIC16F62X DS40300C-page 8 Preliminary 2003 Microchip Technology Inc. FIGURE 2-1: BLOCK DIAGRAM Note 1: Higher order bits are from the STATUS register. FLASH Program Memory 13 Data Bus 8 14 Program Bus Instruction reg Program Counter 8-Level Stack (13-bit) RAM File Registers Direct Addr 7 RAM Addr (1) 9 Addr MUX Indirect Addr FSR reg STATUS reg MUX ALU W reg Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer Instruction Decode & Control Timing Generation OSC1/CLKIN OSC2/CLKOUT MCLR V DD, VSS PORTA PORTB RA4/T0CK1/CMP2 RA5/MCLR/V PP RB0/INT 8 8 Brown-out Detect USART CCP1 Timer0 Timer1 Timer2 RA3/AN3/CMP1 RA2/AN2/V REF RA1/AN1 RA0/AN0 8 3 RB1/RX/DT RB2/TX/CK RB3/CCP1 RB4/PGM RB5 RB6/T1OSO/T1CKI/PGC RB7/T1OSI/PGD Low-voltage Programming RA6/OSC2/CLKOUT RA7/OSC1/CLKIN V REF Comparator Data EEPROM |