| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F62XT bảng dữ liệu(PDF) 32 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F62XT bảng dữ liệu(HTML) 32 Page - Microchip Technology |
|
32 / 170 page ![]() PIC16F62X DS40300C-page 30 Preliminary 2003 Microchip Technology Inc. FIGURE 5-1: BLOCK DIAGRAM OF RA0/AN0:RA1/AN1 PINS FIGURE 5-2: BLOCK DIAGRAM OF RA2/VREF PIN FIGURE 5-3: BLOCK DIAGRAM OF THE RA3/AN3 PIN Data Bus Q D Q CK WR PORTA WR TRISA Data Latch TRIS Latch RD RD PORTA Analog I/O Pin Q D Q CK Input Mode D Q EN To Comparator Schmitt Trigger Input Buffer V DD V SS TRISA Data Bus Q D Q CK WR PORTA WR TRISA Data Latch TRIS Latch RD RD PORTA Analog RA2 Pin Q D Q CK Input Mode D Q EN To Comparator Schmitt Trigger Input Buffer V ROE V REF V DD V SS TRISA Data Bus Q D Q CK WR PORTA WR TRISA Data Latch TRIS Latch RD RD PORTA Analog RA3 Pin Q D Q CK D Q EN To Comparator Schmitt Trigger Input Buffer Input Mode Comparator Output Comparator Mode = 110 1 0 V DD V SS TRISA |