công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC16F62XT bảng dữ liệu(PDF) 26 Page - Microchip Technology

tên linh kiện PIC16F62XT
Giải thích chi tiết về linh kiện  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F62XT bảng dữ liệu(HTML) 26 Page - Microchip Technology

Back Button PIC16F62XT Datasheet HTML 22Page - Microchip Technology PIC16F62XT Datasheet HTML 23Page - Microchip Technology PIC16F62XT Datasheet HTML 24Page - Microchip Technology PIC16F62XT Datasheet HTML 25Page - Microchip Technology PIC16F62XT Datasheet HTML 26Page - Microchip Technology PIC16F62XT Datasheet HTML 27Page - Microchip Technology PIC16F62XT Datasheet HTML 28Page - Microchip Technology PIC16F62XT Datasheet HTML 29Page - Microchip Technology PIC16F62XT Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 170 page
background image
PIC16F62X
DS40300C-page 24
Preliminary
 2003 Microchip Technology Inc.
3.2.2.6
PCON Register
The PCON register contains flag bits to differentiate
between a Power-on Reset, an external MCLR Reset,
WDT Reset or a Brown-out Detect.
REGISTER 3-6:
PCON REGISTER (ADDRESS: 0Ch)
Note:
BOD is unknown on Power-on Reset. It
must then be set by the user and checked
on subsequent RESETS to see if BOD is
cleared,
indicating
a
brown-out
has
occurred. The BOD STATUS bit is a “don't
care” and is not necessarily predictable if
the brown-out circuit is disabled (by
clearing
the
BODEN
bit
in
the
Configuration word).
U-0
U-0
U-0
U-0
R/W-1
U-0
R/W-q
R/W-q
—
—
—
—
OSCF
—POR
BOD
bit 7
bit 0
bit 7-4
Unimplemented: Read as '0'
bit 3
OSCF: INTRC/ER oscillator frequency
1
= 4 MHz typical(1)
0
= 37 KHz typical
bit 2
Unimplemented: Read as '0'
bit 1
POR: Power-on Reset STATUS bit
1
= No Power-on Reset occurred
0
= A Power-on Reset occurred (must be set in software after a Power-on Reset occurs)
bit 0
BOD: Brown-out Detect STATUS bit
1
= No Brown-out Reset occurred
0
= A Brown-out Reset occurred (must be set in software after a Brown-out Reset occurs)
Note 1: When in ER Oscillator mode, setting OSCF = 1 will cause the oscillator frequency to
change to the frequency specified by the external resistor.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com