| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS5530A bảng dữ liệu(PDF) 22 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
CS5530A bảng dữ liệu(HTML) 22 Page - Advanced Micro Devices |
|
22 / 259 page ![]() 22 AMD Geode™ CS5530A Companion Device Data Book Signal Definitions Revision 1.1 Table 3-2. 352 PBGA Pin Assignments - Sorted by Pin Number Pin No. Signal Name Limited ISA Mode ISA Master Mode A1 PIXEL0 A2 PIXEL1 A3 PIXEL2 A4 PIXEL7 A5 PIXEL10 A6 VID_CLK A7 PIXEL12 A8 PIXEL16 A9 PIXEL19 A10 DCLK A11 VID_DATA0 A12 VID_DATA5 A13 PCLK A14 INTA# A15 AD0 A16 AD7 A17 AD9 A18 AD12 A19 AD10 A20 AD15 A21 PAR A22 SERR# A23 DEVSEL# A24 C/BE2# A25 AD17 A26 AD16 B1 ENA_DISP B2 TVCLK B3 PIXEL4 B4 PIXEL5 B5 VSYNC B6 PIXEL8 B7 VID_VAL B8 PIXEL15 B9 PIXEL18 B10 VID_RDY B11 PIXEL22 B12 VID_DATA6 B13 VID_DATA2 B14 INTD# B15 AD3 B16 AD5 B17 AD6 B18 C/BE0# B19 AD11 B20 AD14 B21 C/BE1# B22 PERR# B23 TRDY# B24 IRDY# B25 AD18 B26 AD19 C1 FP_VSYNC No Function C2 FP_HSYNC No Function C3 VDD C4 PIXEL3 C5 PIXEL11 C6 HSYNC C7 PIXEL14 C8 PIXEL17 C9 PIXEL21 C10 PIXEL23 C11 VID_DATA3 C12 VID_DATA7 C13 VID_DATA1 C14 PCI_RST# C15 INTC# C16 AD2 C17 AD4 C18 VSS C19 VDD C20 AD13 C21 VSS C22 LOCK# C23 FRAME# C24 VDD C25 AD21 C26 AD22 D1 FP_DATA11 SA11 D2 NC D3 TEST D4 VSS D5 PIXEL6 D6 PIXEL9 D7 PIXEL13 D8 VSS D9 PIXEL20 D10 VDD D11 VID_DATA4 D12 VSS D13 VSS D14 AD1 D15 INTB# D16 VSS D17 VDD D18 AD8 D19 VSS D20 VSS D21 VDD D22 VSS D23 VSS D24 GNT# Pin No. Signal Name Limited ISA Mode ISA Master Mode D25 AD26 D26 C/BE3# E1 FP_HSYNC_OUT SMEMW# E2 FP_DATA10 SA10 E3 FP_VSYNC_OUT SMEMR# E4 VSS E23 VSS E24 AD20 E25 AD23 E26 STOP# F1 FP_DATA9 SA9 F2 FP_DISP_ENA_OUT No Function F3 FP_DATA17 MASTER# F4 VDD F23 VSS F24 VDD F25 AD24 F26 AD27 G1 FP_DATA8 SA8 G2 FP_DATA5 SA5 G3 FP_DATA7 SA7 G4 FP_DATA6 SA6 G23 VSS G24 AD25 G25 AD28 G26 AD29 H1 FP_DATA4 SA4 H2 FP_DATA15 SA15 H3 FP_DATA16 SA_OE# H4 VSS H23 VSS H24 VDD H25 AD31 H26 HOLD_REQ# J1 FP_DATA3 SA3 J2 FP_DATA1 SA1 J3 FP_DATA2 SA2 J4 FP_ENA_BKL No Function J23 VSS J24 AD30 J25 REQ# J26 PCICLK K1 FP_DATA14 SA14 K2 FP_DATA13 SA13 K3 FP_DATA0 SA0 K4 VSS K23 VSS K24 POR# K25 CPU_RST K26 SUSP# L1 FP_DATA12 SA12 Pin No. Signal Name Limited ISA Mode ISA Master Mode |