công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FDMF3170 bảng dữ liệu(PDF) 9 Page - ON Semiconductor

tên linh kiện FDMF3170
Giải thích chi tiết về linh kiện  Smart Power Stage (SPS) Modules
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF3170 bảng dữ liệu(HTML) 9 Page - ON Semiconductor

Back Button FDMF3170 Datasheet HTML 5Page - ON Semiconductor FDMF3170 Datasheet HTML 6Page - ON Semiconductor FDMF3170 Datasheet HTML 7Page - ON Semiconductor FDMF3170 Datasheet HTML 8Page - ON Semiconductor FDMF3170 Datasheet HTML 9Page - ON Semiconductor FDMF3170 Datasheet HTML 10Page - ON Semiconductor FDMF3170 Datasheet HTML 11Page - ON Semiconductor FDMF3170 Datasheet HTML 12Page - ON Semiconductor FDMF3170 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
© 2016 Semiconductor Components Industries, LLC
www.onsemi.com
FDMF3170
Rev. 1.2
9
Typical Performance Characteristics
Test conditions: VIN=12 V, VCC=PVCC=5 V, VOUT=1.8 V, LOUT=150 nH, TA= +25°C and natural convection cooling
unless otherwise noted.
Figure 4.
Power Loss vs. Output Current
Figure 5.
Power Loss vs. Switching Frequency
Figure 6.
Power Loss vs. Input Voltage
Figure 7.
Power Loss vs. Driver Supply Voltage
Figure 8.
Power Loss vs. Output Inductor
Figure 9.
Driver Supply Current vs. Switching
Frequency
0
2
4
6
8
10
12
14
0
10
20
30
40
50
60
Output Current [A]
Power Loss
0
2
4
6
8
10
12
14
0
10
20
30
40
50
60
Output Current [A]
Power Loss VS switching Frequency
300kHz
500kHz
800kHz
1MHz
0
2
4
6
8
10
12
14
16
0
10
20
30
40
50
60
Output Current [A]
Power Loss VS Input Voltage
Vin=4.5V
Vin=6V
Vin=8V
Vin=10V
Vin=12V
Vin=14V
Vin=16V
0
2
4
6
8
10
12
14
16
18
0
10
20
30
40
50
60
Output Current [A]
Power Loss VS Driver Supply Voltage
PVcc=5V
PVcc=4.5V
PVcc=5.5V
0
5
10
15
20
25
0
10
20
30
40
50
60
Output Current [A]
Power Loss VS Inductor Value
150nH
180nH
220nH
0.000
10.000
20.000
30.000
40.000
50.000
60.000
200
300
400
500
600
700
800
900
1000
Switching Frequency [kHz]
Driver Supply Current
VIN=12 V, PVcc & Vcc=5 V, VOUT=1.8 V, Fs=500 kHz
VIN=12 V, PVcc & VCC=5 V, VOUT=1.8 V
PVcc & VCC=5 V, VOUT=1.8 V, Fs=500 kHz
VIN=12 V, VOUT=1.8 V, Fs =500 kHz
VIN=12 V, PVcc & VCC=5 V, VOUT=1.8V, Fs =500 kHz
VIN=12 V, PVcc & VCC=5V, VOUT=1.8 V, IOUT=0 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com