công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6336DIRZ bảng dữ liệu(PDF) 19 Page - Renesas Technology Corp

tên linh kiện ISL6336DIRZ
Giải thích chi tiết về linh kiện  VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6336DIRZ bảng dữ liệu(HTML) 19 Page - Renesas Technology Corp

Back Button ISL6336DIRZ Datasheet HTML 15Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 16Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 17Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 18Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 19Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 20Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 21Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 22Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
ISL6336D
FN8320 Rev 0.00
Page 19 of 30
Oct 6, 2014
Output-Voltage Offset Programming
The ISL6336D allows the designer to accurately adjust the offset
voltage. When a resistor, ROFS, is connected between OFS to
VCC, the voltage across it is regulated to 1.6V. This causes a
proportional current (IOFS) to flow into OFS. If ROFS is connected
to ground, the voltage across it is regulated to 0.4V, and IOFS
flows out of OFS. A resistor between DAC and REF, RREF, is
selected so that the product (IOFS x ROFS) is equal to the desired
offset voltage. These functions are shown in Figure 12.
Once the desired output offset voltage has been determined, use
Equations 10 and 11 to calculate ROFS.
For Positive Offset (connect ROFS to VCC):
For Negative Offset (connect ROFS to GND):
1
0
0
0
0
0
1
0
0.80000
1000
0
011
0.79375
1000
0
100
0.78750
1000
0
101
0.78125
1
0
0
0
0
1
1
0
0.77500
1000
0
111
0.76875
1000
1
000
0.76250
1
0
0
0
1
0
0
1
0.75625
1
0
0
0
1
0
1
0
0.75000
1000
1
011
0.74375
1000
1
100
0.73750
1000
1
101
0.73125
1
0
0
0
1
1
1
0
0.72500
1000
1
111
0.71875
1001
0
000
0.71250
1
0
0
1
0
0
0
1
0.70625
1
0
0
1
0
0
1
0
0.70000
1001
0
011
0.69375
1001
0
100
0.68750
1001
0
101
0.68125
1
0
0
1
0
1
1
0
0.67500
1001
0
111
0.66875
1
0
0
1
1
0
0
0
0.66250
1
0
0
1
1
0
0
1
0.65625
1
0
0
1
1
0
1
0
0.65000
1001
1
011
0.64375
1001
1
100
0.63750
1001
1
101
0.63125
1
0
0
1
1
1
1
0
0.62500
1001
1
111
0.61875
1010
0
000
0.61250
1
0
1
0
0
0
0
1
0.60625
1
0
1
0
0
0
1
0
0.60000
1010
0
011
0.59375
1010
0
100
0.58750
1010
0
101
0.58125
1010
0
110
0.57500
1010
0
111
0.56875
1
0
1
0
1
0
0
0
0.56250
1
0
1
0
1
0
0
1
0.55625
TABLE 3. VR11 VID 8-BIT (Continued)
VID7 VID6 VID5 VID4 VID3 VID2 VID1 VID0
VOLTAGE
1
0
1
0
1
0
1
0
0.55000
10101
0
11
0.54375
1
0
1
0
1
1
0
0
0.53750
10101
1
01
0.53125
1
0
1
0
1
1
1
0
0.52500
10101
1
11
0.51875
10110
0
00
0.51250
1
0
1
1
0
0
0
1
0.50625
1
0
1
1
0
0
1
0
0.50000
11111
1
10
OFF
11111
1
11
OFF
TABLE 3. VR11 VID 8-BIT (Continued)
VID7 VID6 VID5 VID4 VID3 VID2 VID1 VID0
VOLTAGE
DYNAMIC
VID D/A
E/A
VCC
DAC
FB
REF
OFS
VCC
GND
+
-
+
-
0.4V
1.6V
OR
GND
ROFS
RREF
ISL6336D
FIGURE 12. OUTPUT VOLTAGE OFFSET PROGRAMMING
CREF
ROFS
1.6 RREF
VOFFSET
------------------------------
=
(EQ. 10)
ROFS
0.4 RREF
VOFFSET
------------------------------
=
(EQ. 11)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com