công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6336DIRZ bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp

tên linh kiện ISL6336DIRZ
Giải thích chi tiết về linh kiện  VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6336DIRZ bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp

Back Button ISL6336DIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 10Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 11Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 12Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 13Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ISL6336D
FN8320 Rev 0.00
Page 10 of 30
Oct 6, 2014
Absolute Maximum Ratings
Thermal Information
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +6V
All Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .GND -0.3V to VCC + 0.3V
Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+5V ±5%
Ambient Temperature
ISL6336DIRZ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to +85°C
ESD Rating
Human Body Model (Tested per JESD22-A114E) . . . . . . . . . . . . . . .2.5kV
Charged Device Model (Tested per JESD22-C101F . . . . . . . . . . . . .1.5kV
Machine Model (Tested per JESD22-A115-A) . . . . . . . . . . . . . . . . . 200V
Latch-up (Tested per JESD-78B; Class 2, Level A) . . . . . 100mA at +85°C
Thermal Resistance (Typical)
JA (°C/W) JC (°C/W)
48 Ld 7x7 QFN Package (Notes 4, 5). . . . .
29
2
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . .+150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . see TB493
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product
reliability and result in failures not covered by warranty.
NOTES:
4.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
5. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications Operating Conditions: VCC = 5V, Unless Otherwise Specified. Boldface limits apply across the operating
temperature ranges, -40°C to +85°C.
PARAMETER
TEST CONDITIONS
MIN
(Note 6)TYP
MAX
(Note 6)UNITS
VCC SUPPLY CURRENT
Nominal Supply
VCC = 5VDC; EN_PWR = 5VDC; RT = 100kΩ
ISEN1 = ISEN2 = ISEN3 = ISEN4 = 80µA
-16
20
mA
Shutdown Supply
VCC = 5VDC; EN_PWR = 0VDC; RT = 100kΩ
-14
17
mA
POWER-ON RESET AND ENABLE
VCC Rising POR Threshold
4.3
4.4
4.5
V
VCC Falling POR Threshold
3.75
3.88
4.0
V
EN_PWR Rising Threshold
0.830
0.850
0.870
V
EN_PWR Falling Threshold
0.735
0.752
0.770
V
EN_VTT Rising Threshold
0.830
0.850
0.870
V
EN_VTT Falling Threshold
0.735
0.752
0.770
V
REFERENCE VOLTAGE AND DAC
System Accuracy of ISL6336DIRZ
(VID = 1V to 1.6V, TJ = -40°C to +85°C)
(Note 7, Closed-Loop)
-0.6
-
0.6
%VID
System Accuracy of ISL6336DIRZ
(VID = 0.8V to 1V, TJ = -40°C to +85°C)
(Note 7, Closed-Loop)
-6
-
6
mV
System Accuracy of ISL6336DIRZ
(VID = 0.5V to 0.8V, TJ = -40°C to +85°C)
(Note 7, Closed-Loop)
-7
-
7
mV
VID Pull-up
After tD3
30
40
50
µA
VID Input Low Level
-
-
0.4
V
VID Input High Level
0.8
-
-
V
Max DAC Source Current
3.5
-
-
mA
Max DAC Sink Current
100
-
-
µA
Max REF Source/Sink Current
(Note 8)
50
-
-
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com