công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ISL6336DIRZ bảng dữ liệu(PDF) 6 Page - Renesas Technology Corp

tên linh kiện ISL6336DIRZ
Giải thích chi tiết về linh kiện  VR11.1, 6-Phase PWM Controller with Phase Dropping, Droop Disabled and Load Current Monitoring Features
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL6336DIRZ bảng dữ liệu(HTML) 6 Page - Renesas Technology Corp

Back Button ISL6336DIRZ Datasheet HTML 2Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 3Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 4Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 5Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 6Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 7Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 8Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 9Page - Renesas Technology Corp ISL6336DIRZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ISL6336D
FN8320 Rev 0.00
Page 6 of 30
Oct 6, 2014
47
VR_HOT
VR_HOT is used as an indication of high VR temperature. It is an open-drain logic output. It will be pulled low if
the measured VR temperature is less than a certain level, and open when the measured VR temperature
reaches a certain level. An external pull-up resistor is needed.
48
TM
TM is an input pin for the VR temperature measurement. Connect this pin through an NTC thermistor to GND and
a resistor to VCC of the controller. The voltage at this pin is reverse proportional to the VR temperature. The
ISL6336D monitors the VR temperature based on the voltage at the TM pin and outputs VR_HOT and VR_FAN
signals.
GND
Bias and reference ground for the IC. The bottom metal base of ISL6336D is the GND.
Pin Descriptions (Continued)
PIN #
PIN NAME
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com