| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE8457ASJ bảng dữ liệu(PDF) 16 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8457ASJ bảng dữ liệu(HTML) 16 Page - Infineon Technologies AG |
|
16 / 33 page ![]() Data Sheet 16 Rev. 1.0 2016-08-05 TLE8457 LIN Transceiver with integrated Voltage Regulator Functional Description In case the VCC voltage rise above the VCC,UV undervoltage threshold before the timer elapses, VCC is considered successfully initialized and the timer is disabled. If the timer elapses before VCC powers up correctly, the TLE8457 will autonomously transition to Sleep Mode. Normal Operation Mode Activation After the TLE8457 has generated a reset pulse the Initialization Watchdog is started for monitoring the activation of Normal Operation Mode. The microcontroller must set the EN input “high” before the timer elapses after tInit_WD, else the TLE8457 will autonomously transition to Sleep Mode. Figure 13 Enable activation time-out TLE8457_INITIALIZATION_TIMEOUT Standby mode / Sleep mode / unpowered EN NRST tRST tt t Sleep mode tInit_WD Init mode |