công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE8457ASJ bảng dữ liệu(PDF) 14 Page - Infineon Technologies AG

tên linh kiện TLE8457ASJ
Giải thích chi tiết về linh kiện  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457ASJ bảng dữ liệu(HTML) 14 Page - Infineon Technologies AG

Back Button TLE8457ASJ Datasheet HTML 10Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 11Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 12Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 13Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 14Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 15Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 16Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 17Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Data Sheet
14
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
Functional Description
4.3
Voltage Regulator
The TLE8457 has an integrated voltage regulator dedicated for supplying microcontrollers and/or on-board
sensors under harsh automotive environment conditions. It can supply a load current up to 70 mA with an
output voltage tolerance within ± 2%. Because of the ultra low current consumption, the TLE8457 is perfectly
suited for applications permanently connected to the battery supply. Additionally, in Sleep Mode, the voltage
regulator is switched off and an even lower quiescent current can be achieved.
The voltage regulator output is protected against undervoltage, overcurrent, over-temperature and power-up
failures. In case the load current rises above the functional range, for example during VCC short circuits, the
output current is limited to ICC,lim. Therefore the VCC output voltage will drop and a reset pulse will be issued if
falling below the undervoltage reset threshold.
The VCC supply output provides a stable supply voltage with output capacitors down to 1 µF, including low ESR
multi-layer ceramic capacitors.
4.3.1
VCC Undervoltage Detection
The TLE8457 has undervoltage detection on the voltage regulator VCC output. If the VCC voltage falls below the
undervoltage threshold VCC,UV for longer than detection time tdet,RST the NRST output will be set logical “low”
and the TLE8457 will automatically enter Init Mode and start the Initialization Watchdog (see Chapter 4.3.2
and Chapter 4.4).
Figure 11
VCC undervoltage detection
4.3.2
Reset Output
The NRST output is used for issuing reset pulses to for example an external microcontroller. In case of voltage
regulator undervoltage or over-temperature events the NRST output will go “low” and a mode transition to
Init Mode will be triggered. The NRST output will stay “low” until a complete recovery from the failure and
additionally for the reset time tRST, then go “high” (see Figure 11).
While the TLE8457 is in Init Mode and NRST is “low” mode transition to Normal Operation Mode is blocked.
The NRST pin is internally pulled up to VCC. If needed in the application, an additional external pull-up resistor
can be implemented.
TLE8457_VCC_UNDERVOLTAGE
VCC,UV
tRST
tdet,RST
Init mode
Normal Operation mode (EN = „high“)
Standby mode (EN = „low“)
Normal Operation mode (EN = „high“)
Init mode (EN = „low“)
NRST goes and stays „low“ as long
as
VCC is in undervoltage
NRST stays „low“ for
additional Reset time
tRST
NRST
VCC
t
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com