công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE8457ASJ bảng dữ liệu(PDF) 27 Page - Infineon Technologies AG

tên linh kiện TLE8457ASJ
Giải thích chi tiết về linh kiện  LIN Transceiver with integrated Voltage Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457ASJ bảng dữ liệu(HTML) 27 Page - Infineon Technologies AG

Back Button TLE8457ASJ Datasheet HTML 23Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 24Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 25Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 26Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 27Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 28Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 29Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 30Page - Infineon Technologies AG TLE8457ASJ Datasheet HTML 31Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
Data Sheet
27
Rev. 1.0
2016-08-05
TLE8457
LIN Transceiver with integrated Voltage Regulator
Electrical Characteristics
Duty cycle D4
VS supply 7.6 V to 18.0 V
(for worst case at 10.4 kBit/s)
D4 = tbus_rec(max) /2×tbit
D4
–
–
0.590
Duty cycle 48)
THRec(min) = 0.389 × VS;
THDom(min) = 0.251 × VS;
VS = 7.6 … 18 V;
tbit =96 µs;
LIN Spec 2.2A (Par. 30)
P_6.1.78
Duty cycle D4
VS supply 6.1 V to 7.6 V
(for worst case at 10.4 kBit/s)
D4 = tbus_rec(max) / 2 × tbit
D4
–
–
0.590
Duty cycle 48)
THRec(min) = 0.378 × VS;
THDom(min)= 0.242 × VS;
6.1 V < VS <7.6 V;
tbit =96 µs;
P_6.1.79
1) Load current on VCC specified positive direction out of pin.
2) Not subject to production test, specified by design.
3) Measured when the output voltage VCC has dropped 100 mV from the nominal value obtained at VS = 13.5V
4) Minimum limit specified by design.
5) Maximum limit specified by design.
6) VBUS_CNT =(Vth_dom +Vthrec)/2;.
7) VHYS =Vth_rec -Vth_dom.
8) Bus load according to LIN Spec 2.2A:
Load 1 = 1 nF / 1 kΩ = CBUS / RLIN
Load 2 = 6.8 nF / 660 Ω = CBUS / RLIN
Load 3 = 10 nF / 500 Ω = CBUS / RLIN
Table 6
Electrical Characteristics (cont’d)
5.5 V < VS <28V; RLIN = 500 Ω; -40°C < Tj < 150°C;
all voltages with respect to ground; positive current flowing into pin1); unless otherwise specified.
Parameter
Symbol
Values
Unit Note or Test Condition
Number
Min. Typ. Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com