công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC3402 bảng dữ liệu(PDF) 30 Page - Linear Technology

tên linh kiện LTC3402
Giải thích chi tiết về linh kiện  Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 bảng dữ liệu(HTML) 30 Page - Linear Technology

Back Button LTC3402 Datasheet HTML 24Page - Linear Technology LTC3402 Datasheet HTML 25Page - Linear Technology LTC3402 Datasheet HTML 26Page - Linear Technology LTC3402 Datasheet HTML 27Page - Linear Technology LTC3402 Datasheet HTML 28Page - Linear Technology LTC3402 Datasheet HTML 29Page - Linear Technology LTC3402 Datasheet HTML 30Page - Linear Technology LTC3402 Datasheet HTML 31Page - Linear Technology LTC3402 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LTC1871X
30
1871xf
For more information www.linear.com/LTC1871X
APPLICATIONS INFORMATION
To satisfy this high RMS current demand, two 47µF
Kemet capacitors (T495X476K020AS) are required.
As a result, the output ripple voltage is a low 50mV
to 60mV. In parallel with these tantalums, two 10µF,
low ESR (X5R) Taiyo Yuden ceramic capacitors (TMK-
432BJ106MM) are added for HF noise reduction. Check
the output ripple with a single oscilloscope probe con-
nected directly across the output capacitor terminals,
where the HF switching currents flow.
8. The choice of an input capacitor for a SEPIC converter
depends on the impedance of the source supply and
the amount of input ripple the converter will safely tol-
erate. For this particular design and lab setup, a single
47µF Kemet tantalum capacitor (T495X476K020AS) is
adequate.Aswiththeoutputnode,checktheinputripple
with a single oscilloscope probe connected across the
input capacitor terminals. If any HF switching noise is
observed it is a good idea to decouple the input with
a low ESR, X5R ceramic capacitor as close to the VIN
and GND pins as possible.
9. The DC coupling capacitor in a SEPIC converter is cho-
sen based on its RMS current requirement and must be
rated for a minimum voltage of VIN plus the AC ripple
voltage. Start with the minimum value which satisfies
the RMS current requirement and then check the ripple
voltage to ensure that it doesn’t exceed the DC rating.
IRMS(CI) ≥IO(MAX) •
VO + VD
VIN(MIN)
= 1.5A •
12V + 0.5V
5V
= 2.4A
For this design a single 10µF, low ESR (X5R) Taiyo
Yuden ceramic capacitor (TMK432BJ106MM) is ad-
equate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com