công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC3402 bảng dữ liệu(PDF) 26 Page - Linear Technology

tên linh kiện LTC3402
Giải thích chi tiết về linh kiện  Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 bảng dữ liệu(HTML) 26 Page - Linear Technology

Back Button LTC3402 Datasheet HTML 22Page - Linear Technology LTC3402 Datasheet HTML 23Page - Linear Technology LTC3402 Datasheet HTML 24Page - Linear Technology LTC3402 Datasheet HTML 25Page - Linear Technology LTC3402 Datasheet HTML 26Page - Linear Technology LTC3402 Datasheet HTML 27Page - Linear Technology LTC3402 Datasheet HTML 28Page - Linear Technology LTC3402 Datasheet HTML 29Page - Linear Technology LTC3402 Datasheet HTML 30Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
LTC1871X
26
1871xf
For more information www.linear.com/LTC1871X
APPLICATIONS INFORMATION
During the MOSFET’s on-time, the control circuit limits
the maximum voltage drop across the power MOSFET to
about150mV(atlowdutycycle).Thepeakinductorcurrent
is therefore limited to 150mV/RDS(ON). The relationship
between the maximum load current, duty cycle and the
RDS(ON) of the power MOSFET is:
RDS(ON) ≤
VSENSE(MAX)
IO(MAX)
•
1
1+
χ
2
⎛
⎝⎜
⎞
⎠⎟
• ρT
•
1
VO + VD
VIN(MIN)
⎛
⎝
⎜
⎞
⎠
⎟ + 1
The VSENSE(MAX) term is typically 150mV at low duty cycle
and is reduced to about 100mV at a duty cycle of 92% due
toslopecompensation,asshowninFigure8.Theconstant
‘
χ’ in the denominator represents the ripple current in the
inductors relative to their maximum current. For example,
if 30% ripple current is chosen, then
χ = 0.30. The ρT term
accounts for the temperature coefficient of the RDS(ON) of
theMOSFET,whichistypically0.4%/°C.Figure9illustrates
the variation of normalized RDS(ON) over temperature for
a typical power MOSFET.
Another method of choosing which power MOSFET to
use is to check what the maximum output current is for a
given RDS(ON) since MOSFET on-resistances are available
in discrete values.
IO(MAX) ≤
VSENSE(MAX)
RDS(ON)
•
1
1+
χ
2
⎛
⎝⎜
⎞
⎠⎟
• ρT
•
1
VO + VD
VIN(MIN)
⎛
⎝
⎜
⎞
⎠
⎟ + 1
Calculating Power MOSFET Switching and Conduction
Losses and Junction Temperatures
In order to calculate the junction temperature of the power
MOSFET,thepowerdissipatedbythedevicemustbeknown.
This power dissipation is a function of the duty cycle, the
loadcurrentandthejunctiontemperatureitself.Asaresult,
someiterativecalculationisnormallyrequiredtodetermine
a reasonably accurate value. Since the controller is using
the MOSFET as both a switching and a sensing element,
careshouldbetakentoensurethattheconverteriscapable
of delivering the required load current over all operating
conditions (load, line and temperature) and for the worst-
case specifications for VSENSE(MAX) and the RDS(ON) of the
MOSFET listed in the manufacturer’s data sheet.
The power dissipated by the MOSFET in a SEPIC converter
is:
PFET = IO(MAX) •
DMAX
1– DMAX
⎛
⎝⎜
⎞
⎠⎟
2
•RDS(ON) •DMAX •ρT
+
k • VIN(MIN) + VO
(
)
1.85
•IO(MAX) •
DMAX
1– DMAX
• CRSS • f
The first term in the equation above represents the I2R
losses in the device and the second term, the switching
losses.Theconstant k=1.7isanempiricalfactorinversely
related to the gate drive current and has the dimension
of 1/current.
From a known power dissipated in the power MOSFET, its
junction temperature can be obtained using the following
formula:
TJ = TA + PFET •RTH(JA)
The RTH(JA) to be used in this equation normally includes
the RTH(JC) for the device plus the thermal resistance from
the board to the ambient temperature in the enclosure.
This value of TJ can then be used to check the original
assumption for the junction temperature in the iterative
calculation process.
SEPIC Converter: Output Diode Selection
To maximize efficiency, a fast-switching diode with low
forwarddropandlowreverseleakageisdesired.Theoutput
diode in a SEPIC converter conducts current during the
switch off-time. The peak reverse voltage that the diode
must withstand is equal to VIN(MAX) + VO. The average
forward current in normal operation is equal to the output
current, and the peak current is equal to:
ID(PEAK) = 1+
χ
2
⎛
⎝⎜
⎞
⎠⎟
•IO(MAX) •
VO + VD
VIN(MIN)
+ 1
⎛
⎝
⎜
⎞
⎠
⎟
The power dissipated by the diode is:
PD = IO(MAX) • VD
and the diode junction temperature is:
TJ = TA + PD • RTH(JA)
The RTH(JA) to be used in this equation normally includes
the RTH(JC) for the device plus the thermal resistance from
the board to the ambient temperature in the enclosure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com