| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRFS41N15DPbF bảng dữ liệu(PDF) 12 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
IRFS41N15DPbF bảng dữ liệu(HTML) 12 Page - Infineon Technologies AG |
|
12 / 13 page ![]() IRFB/IB/S/SL41N15DPbF 12 2017-04-27 Note: For the most current drawing please refer to IR website at http://www.irf.com/package/ D2-Pak (TO-263AB) Tape & Reel Information (Dimensions are shown in millimeters (inches)) 3 4 4 TRR FEED DIRECTION 1.85 (.073) 1.65 (.065) 1.60 (.063) 1.50 (.059) 4.10 (.161) 3.90 (.153) TRL FEED DIRECTION 10.90 (.429) 10.70 (.421) 16.10 (.634) 15.90 (.626) 1.75 (.069) 1.25 (.049) 11.60 (.457) 11.40 (.449) 15.42 (.609) 15.22 (.601) 4.72 (.136) 4.52 (.178) 24.30 (.957) 23.90 (.941) 0.368 (.0145) 0.342 (.0135) 1.60 (.063) 1.50 (.059) 13.50 (.532) 12.80 (.504) 330.00 (14.173) MAX. 27.40 (1.079) 23.90 (.941) 60.00 (2.362) MIN. 30.40 (1.197) MAX. 26.40 (1.039) 24.40 (.961) NOTES : 1. COMFORMS TO EIA-418. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION MEASURED @ HUB. 4. INCLUDES FLANGE DISTORTION @ OUTER EDGE. |