| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRFS41N15DPbF bảng dữ liệu(PDF) 10 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
IRFS41N15DPbF bảng dữ liệu(HTML) 10 Page - Infineon Technologies AG |
|
10 / 13 page ![]() IRFB/IB/S/SL41N15DPbF 10 2017-04-27 D2-Pak (TO-263AB) Part Marking Information D2-Pak (TO-263AB) Package Outline (Dimensions are shown in millimeters (inches)) DATE CODE YEAR 0 = 2000 WEEK 02 A = ASSEMBLY SITE CODE RECTIFIER INTERNATIONAL PART NUMBER P = DESIGNATES LEAD - FREE PRODUCT (OPTIONAL) F530S IN THE ASSEMBLY LINE "L" ASSEMBLED ON WW 02, 2000 THIS IS AN IRF530S WITH LOT CODE 8024 INTERNATIONAL LOGO RECTIFIER LOT CODE ASSEMBLY YEAR 0 = 2000 PART NUMBER DATE CODE LINE L WEEK 02 OR F530S LOGO ASSEMBLY LOT CODE Note: For the most current drawing please refer to website at http://www.irf.com/package/ |