| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAFC161RI bảng dữ liệu(PDF) 22 Page - Siemens Semiconductor Group |
|
|
|||||||||||||||||||||||||||||
SAFC161RI bảng dữ liệu(HTML) 22 Page - Siemens Semiconductor Group |
|
22 / 60 page ![]() Semiconductor Group 22 1998-05-01 C161RI Real Time Clock The Real Time Clock (RTC) module of the C161RI consists of a chain of 3 divider blocks, a fixed 8-bit divider, the reloadable 16-bit timer T14 and the 32-bit RTC timer (accessible via registers RTCH and RTCL). The RTC module is directly clocked with the on-chip oscillator frequency divided by 32 via a separate clock driver and is therefore independent from the selected clock generation mode of the C161RI. All timers count up. The RTC module can be used for different purposes: q System clock to determine the current time and date q Cyclic time based interrupt q 48-bit timer for long term measurements Figure 7-1 RTC Block Diagram Note: The registers associated with the RTC are not effected by a reset in order to maintain the correct system time even when intermediate resets are executed. RTCL RTCL T14 T14REL 8:1 fRTC Reload Interrupt Request |