| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM12434CIWM bảng dữ liệu(PDF) 35 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LM12434CIWM bảng dữ liệu(HTML) 35 Page - National Semiconductor (TI) |
|
35 / 80 page ![]() 60 Operational Information (Continued) TABLE IV LM12434 Input Channel Selection through Input Multiplexer Normal Operating Mode Non-Inverting Input Input Channel to Be Inverting Input Input Channel to Be Channel Selection Bits Connected to MUX Channel Selection Bits Connected to MUX in Instruction Register Non-Inverting Output in Instruction Register Inverting Output D4 D3 D2 (MUXOUTa) D7 D6 D5 (MUXOUTb) 000 IN0 000 GND 001 IN1 001 IN1 010 IN2 010 IN2 011 IN3 011 IN3 1XX None 1XX None TABLE V LM12 L 438 Diagnostic Mode Input Channel Selection through Input Multiplexer Diagnostic Mode Non-Inverting Input Input Channel to Be Inverting Input Input Channel to Be Channel Selection Bits Connected to AD Channel Selection Bits Connected to AD in Instruction Register Non-Inverting Input in Instruction Register Inverting Input D4 D3 D2 (INa) D7 D6 D5 (INb) 000 None 000 None 001 VREFa 001 VREFb 010 IN2 010 IN2 011 IN3 011 IN3 100 IN4 100 IN4 101 IN5 101 IN5 110 IN6 110 IN6 111 IN7 111 IN7 35 |