| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S29GL032A bảng dữ liệu(PDF) 20 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL032A bảng dữ liệu(HTML) 20 Page - SPANSION |
|
20 / 88 page ![]() 18 S29GLxxxA MirrorBit™ Flash Family S29GLxxxA_00_A2 January 28, 2005 Ad van c e Inf o rmation Table 2. S29GL064A Valid Combinations Notes: 1. Type 0 is standard. Specify others as required: TSOPs can be packed in Types 0 and 3; BGAs can be packed in Types 0, 2, or 3. 2. TSOP package marking omits packing type designator from ordering part number. 3. BGA package marking omits leading “S29” and packing type designator from ordering part number. Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult your local sales office to confirm availability of specific valid combinations and to check on newly released combinations. S29GL064A Valid Combinations Package Description Device Number Speed Option Package, Material & Temperature Range Model Number Packing Type S29GL064A 90, 10, 11 TAI, TFI R3, R4, R6, R7, R8, R9 0, 2, 3 (Note 1) TS048 (note 2) TSOP R1, R2 TS056 (note 2) TSOP BAI, BFI R3, R4, R5 VBN048 (note 3) Fine-pitch BGA FAI, FFI R1, R2, R3, R4, R5 LAA064 (note 3) Fortified BGA |