| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S29GL032A bảng dữ liệu(PDF) 18 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29GL032A bảng dữ liệu(HTML) 18 Page - SPANSION |
|
18 / 88 page ![]() 16 S29GLxxxA MirrorBit™ Flash Family S29GLxxxA_00_A2 January 28, 2005 Ad van c e Inf o rmation Notes: 1. Type 0 is standard. Specify others as required: TSOPs can be packed in Types 0 and 3; BGAs can be packed in Types 0, 2, or 3. 2. TSOP package marking omits packing type designator from the ordering part number. 3. BGA package marking omits leading “S29” and packing type designator from the ordering part number. Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult your local sales office to confirm availability of specific valid combinations and to check on newly released combinations. Table 1. S29GL032A Ordering Options S29GL032A Valid Combinations Package Description (Notes) Device Number Speed Option Package, Material, & Temperature Range Model Number Packing Type S29GL032A 90, 10, 11 TAI,TFI R1,R2 0,2,3 (Note 1) TS056 (2) TSOP FAI,FFI LAA064 (3) Fortified BGA TAI,TFI R3,R4 TS048 (2) TSOP BAI,BFI FBC048 (3) Fine-Pitch BGA FAI,FFI LAA064 (3) Fortified BGA |