công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

S29GL032A bảng dữ liệu(PDF) 32 Page - SPANSION

tên linh kiện S29GL032A
Giải thích chi tiết về linh kiện  64 MEGABIT 32MEGABIT 3.0 BOLT ONLY PAGE MODE FLASH MEMORY
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SPANSION [SPANSION]
Trang chủ  http://www.spansion.com
Logo SPANSION - SPANSION

S29GL032A bảng dữ liệu(HTML) 32 Page - SPANSION

Back Button S29GL032A Datasheet HTML 28Page - SPANSION S29GL032A Datasheet HTML 29Page - SPANSION S29GL032A Datasheet HTML 30Page - SPANSION S29GL032A Datasheet HTML 31Page - SPANSION S29GL032A Datasheet HTML 32Page - SPANSION S29GL032A Datasheet HTML 33Page - SPANSION S29GL032A Datasheet HTML 34Page - SPANSION S29GL032A Datasheet HTML 35Page - SPANSION S29GL032A Datasheet HTML 36Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 88 page
background image
30
S29GLxxxA MirrorBit™ Flash Family
S29GLxxxA_00_A2 January 28, 2005
Ad van c e
Inf o rmation
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector
group protection verification, through identifier codes output on DQ7–DQ0. This
mode is primarily intended for programming equipment to automatically match a
device to be programmed with its corresponding programming algorithm. How-
ever, the autoselect codes can also be accessed in-system through the command
register.
When using programming equipment, the autoselect mode requires VID on ad-
dress pin A9. Address pins A6, A3, A2, A1, and A0 must be as shown in Table 12.
In addition, when verifying sector protection, the sector address must appear on
the appropriate highest order address bits (see Table 4-Table 20). Table 12 shows
the remaining address bits that are don’t care. When all necessary bits have been
set as required, the programming equipment may then read the corresponding
identifier code on DQ7–DQ0.
To access the autoselect codes in-system, the host system can issue the autose-
lect command via the command register, as shown in Table 25 and Table 26. This
SA42
0101010
250000–257FFF
SA85
1010101
1A8000–1AFFFF
SA43
0101011
258000–25FFFF
SA86
1010110
1B0000–1B7FFF
SA44
0101100
260000–267FFF
SA87
1010111
1B8000–1BFFFF
SA45
0101101
268000–26FFFF
SA88
1011000
1C0000–1C7FFF
SA46
0101110
270000–277FFF
SA89
1011001
1C8000–1CFFFF
SA47
0101111
278000–27FFFF
SA90
1011010
1D0000–1D7FFF
SA48
0110000
280000–287FFF
SA91
1011011
1D8000–1DFFFF
SA49
0110001
288000–28FFFF
SA92
1011100
1E0000–1E7FFF
SA50
0110010
290000–297FFF
SA93
1011101
1E8000–1EFFFF
SA51
0110011
298000–29FFFF
SA94
1011110
1F0000–1F7FFF
SA52
0110100
2A0000–2A7FFF
SA95
1011111
1F8000–1FFFFF
SA53
0110101
2A8000–2AFFFF
SA96
1100000
300000–307FFF
SA54
0110110
2B0000–2B7FFF
SA97
1100001
308000–30FFFF
SA55
0110111
2B8000–2BFFFF
SA98
1100010
310000–317FFF
SA56
0111000
2C0000–2C7FFF
SA99
1100011
318000–31FFFF
SA57
0111001
2C8000–2CFFFF
SA100
1100100
320000–327FFF
SA58
0111010
2D0000–2D7FFF
SA101
1100101
328000–32FFFF
SA59
0111011
2D8000–2DFFFF
SA102
1100110
330000–337FFF
SA60
0111100
2E0000–2E7FFF
SA103
1100111
338000–33FFFF
SA61
0111101
2E8000–2EFFFF
SA104
1101000
340000–347FFF
SA62
0111110
2F0000–2F7FFF
SA105
1101001
348000–34FFFF
SA63
0111111
2F8000–2FFFFF
SA106
1101010
350000–357FFF
SA64
1000000
100000–107FFF
SA107
1101011
358000–35FFFF
SA65
1000001
108000–10FFFF
SA108
1101100
360000–367FFF
SA66
1000010
110000–117FFF
SA109
1101101
368000–36FFFF
SA67
1000011
118000–11FFFF
SA110
1101110
370000–377FFF
SA68
1000100
120000–127FFF
SA111
1101111
378000–37FFFF
SA69
1000101
128000–12FFFF
SA112
1110000
380000–387FFF
SA70
1000110
130000–137FFF
SA113
1110001
388000–38FFFF
SA71
1000111
138000–13FFFF
SA114
1110010
390000–397FFF
SA72
1001000
140000–147FFF
SA115
1110011
398000–39FFFF
SA73
1001001
148000–14FFFF
SA116
1110100
3A0000–3A7FFF
SA74
1001010
150000–157FFF
SA117
1110101
3A8000–3AFFFF
SA75
1001011
158000–15FFFF
SA118
1110110
3B0000–3B7FFF
SA76
1001100
160000–167FFF
SA119
1110111
3B8000–3BFFFF
SA77
1001101
168000–16FFFF
SA120
1111000
3C0000–3C7FFF
SA78
1001110
170000–177FFF
SA121
1111001
3C8000–3CFFFF
SA79
1001111
178000–17FFFF
SA122
1111010
3D0000–3D7FFF
SA80
1010000
180000–187FFF
SA123
1111011
3D8000–3DFFFF
SA81
1010001
188000–18FFFF
SA124
1111100
3E0000–3E7FFF
SA82
1010010
190000–197FFF
SA125
1111101
3E8000–3EFFFF
SA83
1010011
198000–19FFFF
SA126
1111110
3F0000–3F7FFF
SA84
1010100
1A0000–1A7FFF
SA127
1111111
3F8000–3FFFFF
Table 11. S29GL064A (Models R6, R7) Sector Addresses (Sheet 2 of 2)
A21–A15
16-bit
Address
Range
A21–A15
16-bit
Address
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88