| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
28F032B3 bảng dữ liệu(PDF) 48 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
28F032B3 bảng dữ liệu(HTML) 48 Page - Intel Corporation |
|
48 / 48 page ![]() SMART 3 ADVANCED BOOT BLOCK E 48 PRELIMINARY Start Write B0H Read Status Register No Comments Data = B0H Addr = X Data = FFH Addr = X SR.7 = SR.6 = 1 Write FFH Read Array Data Erase Completed Done Reading Yes Write FFH Write D0H Erase Resumed Read Array Data 0 1 Read array data from block other than the one being erased. Status Register Data Toggle CE# or OE# to Update Status Register Data Addr = X Check SR.7 1 = WSM Ready 0 = WSM Busy Check SR.6 1 = Erase Suspended 0 = Erase Completed Data = D0H Addr = X Bus Operation Write Write Read Read Standby Standby Write Command Program Suspend Read Array Program Resume 0 Write 70H Status Register Data Toggle CE# or OE# to Update Status Register Data Addr = X Write Write Write Read Read Standby Standby Write Data=70H Addr=X Command Program Suspend Read Array Program Resume Erase Suspend Read Status Read Array Erase Resume 0580_E4 Figure 13. Erase Suspend/Resume Flowchart |