công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

28F032B3 bảng dữ liệu(PDF) 12 Page - Intel Corporation

tên linh kiện 28F032B3
Giải thích chi tiết về linh kiện  SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

28F032B3 bảng dữ liệu(HTML) 12 Page - Intel Corporation

Back Button 28F032B3 Datasheet HTML 8Page - Intel Corporation 28F032B3 Datasheet HTML 9Page - Intel Corporation 28F032B3 Datasheet HTML 10Page - Intel Corporation 28F032B3 Datasheet HTML 11Page - Intel Corporation 28F032B3 Datasheet HTML 12Page - Intel Corporation 28F032B3 Datasheet HTML 13Page - Intel Corporation 28F032B3 Datasheet HTML 14Page - Intel Corporation 28F032B3 Datasheet HTML 15Page - Intel Corporation 28F032B3 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
SMART 3 ADVANCED BOOT BLOCK
E
12
PRELIMINARY
When VPP < VPPLK, the device will only execute the
following commands successfully: Read Array,
Read Status Register, Clear Status Register and
Read Identifier. The device provides standard
EEPROM
read,
standby
and
output
disable
operations. Manufacturer identification and device
identification data can be accessed through the
CUI. All functions associated with altering memory
contents,
namely
program
and
erase,
are
accessible via the CUI. The internal Write State
Machine (WSM) completely automates program
and erase operations while the CUI signals the start
of an operation and the status register reports
status. The CUI handles the WE# interface to the
data and address latches, as well as system status
requests during WSM operation.
3.1
Bus Operation
Smart 3 Advanced Boot Block flash memory
devices read, program and erase in-system via the
local CPU or microcontroller. All bus cycles to or
from
the flash memory
conform
to
standard
microcontroller bus cycles. Four control pins dictate
the data flow in and out of the flash component:
CE#, OE#, WE# and RP#. These bus operations
are summarized in Table 3.
Table 3. Bus Operations(1)
Mode
Note
RP#
CE#
OE#
WE#
DQ0–7
DQ8–15
Read (Array, Status, or
Identifier)
2–4
VIH
VIL
VIL
VIH
DOUT
DOUT
Output Disable
2
VIH
VIL
VIH
VIH
High Z
High Z
Standby
2
VIH
VIH
X
X
High Z
High Z
Reset
2, 7
VIL
X
X
X
High Z
High Z
Write
2, 5–7
VIH
VIL
VIH
VIL
DIN
DIN
NOTES:
1.
8-bit devices use only DQ[0:7], 16-bit devices use DQ[0:15]
2.
X must be VIL, VIH for control pins and addresses.
3.
See
DC Characteristics for VPPLK, VPP1, VPP2, VPP3, VPP4 voltages.
4.
Manufacturer and device codes may also be accessed in read identifier mode (A1–A21 = 0). See Table 4.
5.
Refer to Table 6 for valid DIN during a write operation.
6.
To program or erase the lockable blocks, hold WP# at VIH.
7.
RP# must be at GND
± 0.2 V to meet the maximum deep power-down current specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com