công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VDP3104B bảng dữ liệu(PDF) 65 Page - Micronas

tên linh kiện VDP3104B
Giải thích chi tiết về linh kiện  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3104B bảng dữ liệu(HTML) 65 Page - Micronas

Back Button VDP3104B Datasheet HTML 61Page - Micronas VDP3104B Datasheet HTML 62Page - Micronas VDP3104B Datasheet HTML 63Page - Micronas VDP3104B Datasheet HTML 64Page - Micronas VDP3104B Datasheet HTML 65Page - Micronas VDP3104B Datasheet HTML 66Page - Micronas VDP3104B Datasheet HTML 67Page - Micronas VDP3104B Datasheet HTML 68Page - Micronas VDP3104B Datasheet HTML 69Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 72 page
background image
PRELIMINARY DATA SHEET
VDP 31xxB
65
Micronas
Analog RGB Outputs, D/A Converters, continued
Symbol
Parameter
Pin Name
Min.
Typ.
Max.
Unit
Test Conditions
CR
Contrast Adjust Range
ROUT
GOUT
16:511
Gain Match R–G, R–B, G–B
GOUT
BOUT
–2
2
%
Measured at RGB Outputs
VIN = 0.7 V, contrast = 323
Gain Match to RGB–DACs
R–R, G–G, B–B
–3
3
%
Measured at RGB Outputs
VIN = 0.7 V, contrast = 323
R/B/G Input Crosstalk
one channel talks
two channels talk
–46
dB
Passive channel:
VIN = 0.7V,
contrast = 323
RGB Input Crosstalk from
Internal RGB
one channel talks
two channels talk
three channels talk
–50
dB
Crosstalk signal: 1.25 MHz,
3.75 mAPP
RGB Input Noise and
Distortion
–50
dB
VIN = 0.7 VPP at 1 MHz
contrast = 323
Bandwidth: 10 MHz
RGB Input Bandwidth –3dB
10
15
–
MHz
VIN = 0.7 VPP,
contrast = 323
RGB Input THD
–50
–40
dB
dB
Input signal 1 MHz
Input signal 6 MHz
VIN = 0.7 VPP
contrast = 323
Differential Nonlinearity of
Contrast Adjust
1.0
LSB
VIN = 0.44 V
Integral nonlinearity of
Contrast Adjust
7
LSB
VRGBO
RGB Output Voltage
–1.0
0.3
V
Referred to VSUPO
RGB Output Load Resistance
100
Ω
Ref. to VSUPO
VOUTC
RGB Output Compliance
–1.5
–1.3
–1.2
V
Ref. to VSUPO
Sum of max. Current of
RGB–DACs and max. Cur-
rent of Int. Brightness DACs
is 2% degraded
External RGB Brightness D/A Converter Characteristics
Resolution
ROUT
GOUT
9
bits
IEXBR
Full Scale Output Current
relative
GOUT
BOUT
39.2
40
40.8
%
Ref to max. digital RGB
Full Scale Output Current
absolute
1.5
mA
Differential Nonlinearity
0.5
LSB
Integral Nonlinearity
1
LSB
Matching R–G, R–B, G–B
–2
2
%
Matching to digital RGB
R–R, G–G, B–B
–2
2
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com