công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VDP3104B bảng dữ liệu(PDF) 37 Page - Micronas

tên linh kiện VDP3104B
Giải thích chi tiết về linh kiện  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3104B bảng dữ liệu(HTML) 37 Page - Micronas

Back Button VDP3104B Datasheet HTML 33Page - Micronas VDP3104B Datasheet HTML 34Page - Micronas VDP3104B Datasheet HTML 35Page - Micronas VDP3104B Datasheet HTML 36Page - Micronas VDP3104B Datasheet HTML 37Page - Micronas VDP3104B Datasheet HTML 38Page - Micronas VDP3104B Datasheet HTML 39Page - Micronas VDP3104B Datasheet HTML 40Page - Micronas VDP3104B Datasheet HTML 41Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 72 page
background image
VDP 31xxB
PRELIMINARY DATA SHEET
37
Micronas
Name
Default
Function
Mode
Number
of bits
I2C sub
address
TIMING
h’67
9
w v
vertical blanking start
bit [8:0]
0..511
first line of vertical blanking
305
VBST
h’77
9
w v
vertical blanking stop
bit [8:0]
0..511
last line of vertical blanking
25
VBSO
h’73
9
w v
start of Black Level Expander measurement
bit [8:0]
0..511
first line of measurement, stop with first
line
of vertical blanking
30
AVST
h’5f
9
w v
bit [8:0] free running field period = (value
)4) lines
0
STIMP
HORIZONTAL DEFLECTION
h’7a
9
w v
adjustable delay of PLL2, clamping, and blanking (relative to
front sync)
adjust clamping pulse for analog RGB input
bit [8:0]
–256..+255
" 8 µs
–141
POFS2
h’76
9
w v
adjustable delay of flyback, main sync, csync and analog RGB
(relative to PLL2)
adjust horizontal drive or csync
bit [8:0]
–256..+255
"8 µs
0
POFS3
h’7e
9
w v
adjustable delay of main sync (relative to flyback)
adjust horizontal position for digital picture
bit [8:0]
20 steps
+1 µs
120
HPOS
h’5b
9
w/r
start of horizontal blanking
bit [8:0]
0..511
1
HBST
h’57
9
w/r
end of horizontal blanking
bit [8:0]
0..511
48
HBSO
h’6a
h’6e
h’72
9
9
9
w v
w v
w v
PLL2/3 filter coefficients, 1of5 bit code (n
+ set bit number)
bit [5:0]
proportional coefficient PLL3, 2–n–1
bit [5:0]
proportional coefficient PLL2, 2–n–1
bit [5:0]
integral coefficient PLL2, 2–n–5
2
1
2
PKP3
PKP2
PKI2
h’15
16
w/r
horizontal drive and vertical signal control register
bit [5:0]
0..63
horizontal drive pulse duration in
ms
(internally limited to 4..61)
bit [6]
0/1
disable/enable horizontal PLL2 and PLL3
bit [7]
0/1
1: disable horizontal drive pulse during
flyback
bit [8]
0/1
reserved, set to ’0’
bit [9]
0/1
enable/disable ultra black blanking
bit [10]
0/1
0: all outputs blanked
1: normal mode
bit [11]
0/1
enable/disable clamping for analog RGB
input
bit [12]
0/1
disable/enable vertical free running mode
(FIELD is set to field2, no interlace)
bit [13]
0/1
enable/disable vertical protection
bit [14]
0/1
internal/external (under VPC control)
start of vertical and E/W signal
bit [15]
0/1
disable/enable phase shift of display clock
32
0
0
0
1
0
0
0
0
1
HDRV
EHPLL
EFLB
DUBL
EBL
DCRGB
SELFT
DVPR
XDEFL
DISKA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com