công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

VDP3104B bảng dữ liệu(PDF) 33 Page - Micronas

tên linh kiện VDP3104B
Giải thích chi tiết về linh kiện  Video Processor Family
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICRONAS [Micronas]
Trang chủ  http://www.micronas.com
Logo MICRONAS - Micronas

VDP3104B bảng dữ liệu(HTML) 33 Page - Micronas

Back Button VDP3104B Datasheet HTML 29Page - Micronas VDP3104B Datasheet HTML 30Page - Micronas VDP3104B Datasheet HTML 31Page - Micronas VDP3104B Datasheet HTML 32Page - Micronas VDP3104B Datasheet HTML 33Page - Micronas VDP3104B Datasheet HTML 34Page - Micronas VDP3104B Datasheet HTML 35Page - Micronas VDP3104B Datasheet HTML 36Page - Micronas VDP3104B Datasheet HTML 37Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 72 page
background image
VDP 31xxB
PRELIMINARY DATA SHEET
33
Micronas
Table 3–2: Backend I2C-control and status registers
I2C sub
address
Number
of bits
Mode
Function
Default
Name
PRIORITY BUS
priority mask register, if bit[x] is set to 1 then the function is
active for the respective signal priority
h’75
9
w v
bit [7:0]
bit[x] 0/1: select contrast,brightness,matrix
for main/side picture
0
PBCT
h’71
9
w v
bit [7:0]
bit[x] 0/1: select main (video)/external (via CLUT)
RGB
0
PBERGB
h’7d
9
w v
bit [7:0]
bit[x] 0/1: enable/disable black level expander
0
PBBLE
h’79
9
w v
bit [7:0]
bit[x] 0/1: disable/enable peaking transient
suppression when signal is switched
0
PBPK
h’4b
9
w v
bit [7:0]
bit[x] 0/1: disable/enable analog fast blank input
0
PBFB
h’47
9
w v
bit [2:0]
picture frame generator priority id
bit [8]
enable prio id for picture frame generator
0
PFGID
PFGEN
LUMA CHANNEL
h’61
9
w v
bit [5:0]
0..63/32
main picture contrast
32
CTM
h’65
9
w v
bit [5:0]
0..63/32
side picture contrast
32
CTS
h’51
9
w v
bit [8:0]
–256..255
main picture brightness
0
BRM
h’55
9
w v
bit [8:0]
–256..255
side picture brightness
0
BRS
h’59
9
w v
black level expander:
bit [3:0]
0..15
tilt coefficient
bit [8:4]
0...31
amount
8
12
BTLT
BAM
h’5d
9
w v
black level expander:
bit [8:0]
0..511
disable expansion, threshold value
200
BTHR
h’69
9
w v
luma peaking filter, the gain at high frequencies and small signal
amplitudes is: 1 + (k1+k2)/8
bit [3:0]
0..15
k1: peaking level undershoot
bit [7:4]
0..15
k2: peaking level overshoot
bit [8]
0/1
peaking value normal/inverted
(peaking/softening)
4
4
0
PKUN
PKOV
PKINV
h’6d
9
w v
luma peaking filter, coring
bit [4:0]
0..31
coring level
bit [7:5]
reserved
bit [8]
0/1
peaking filter center frequency high/low
3
0
COR
PFS
h’41
9
w v
luma soft limiter, slope A and B
bit [3:0]
slope segment A
bit [7:4]
slope segment B
0
0
LSLSA
LSLSB
h’45
9
w v
bit [7:0]
luma soft limiter absolute limit (unsigned)
bit [8]
0/1
modulation off/on
255
1
LSLAL
LSLM
h’49
9
w v
bit [8:0]
luma soft limiter segment B tilt point (unsigned)
300
LSLTB
h’4d
9
w v
bit [8:0]
luma soft limiter segment A tilt point (unsigned)
250
LSLTA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com