công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SSD1850Z bảng dữ liệu(PDF) 34 Page - List of Unclassifed Manufacturers

tên linh kiện SSD1850Z
Giải thích chi tiết về linh kiện  CMOS LCD Segment / Common Driver with Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

SSD1850Z bảng dữ liệu(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button SSD1850Z Datasheet HTML 30Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 31Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 32Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 33Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 34Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 35Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 36Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 37Page - List of Unclassifed Manufacturers SSD1850Z Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
SSD1850/51 Series
Rev 1.2
01/2003
SOLOMON
30
Set Multiplex Ratio
This command switches default 80 multiplex mode to any multiplex from 16 to 80, if Icon is disabled
(POR). When Icon is set enable, the corresponding multiplex ratio setting will be mapped to 17 to 81. The
chip pads ROW0-ROW79 will be switched to corresponding COM signal output.
Set Power Save Mode
This command forces the chip to enter Standby or Sleep Mode. LSB of the command will define which
mode will be entered.
Exit Power Save Mode
This command releases the chip from either Standby or Sleep Mode and return to normal operation.
Set N-line Inversion
Number of line inversion is set by this command for reducing crosstalk. 3 to 33-line inversion operations
could be selected. At POR, this operation is disabled.
It should be noted that the total number of mux (including the icon line) should NOT be a multiple of the
inversion number (N). Or else, some lines will not be changed their polarity during frame change.
Exit N-line Inversion
This command releases the chip from N-line inversion mode. The driving waveform will be inverted once
per frame after issuing this command.
Set DC-DC Converter Factor
Internal DC-DC converter factor is set by this command. For SSD1850, 2X to 5X multiplying factors could
be selected. 2X/3X, 4X, 5X and 6X factors are selected using this command. Hardware configuration is
used for 2X or 3X setup. For SSD1851, 2X to 6X multiplying factors could be selected.
Set Icon Enable
This command enable/disable the Icon display.
Start Internal Oscillator
After POR, the internal oscillator is OFF. It should be turned ON by sending this command to the chip.
Set Display Data Length
This two-byte command only valid when 3-wire SPI configuration is set by H/W input (PS0=PS1=L). The
second 8-bit is used to indicate that a specified number display data byte (1-256) are to be transmitted.
Next byte after the display data string is handled as a command.
Set Gray Scale Mode (White/Light Gray/Dark Gray/Black)
Command 88(hex) to 8F(hex) are used to specify the four gray levels’ pulse width at the four possible
frames. The four gray levels are called white, light gray, dark gray and black. Each level is defined by 4
registers for 4 consecutive frames. For example, WA is a 4-bit register to define the pulse width of the 1
st
frame in White mode. WB is a register for 2
nd frame in White mode etc. Each command specifies two
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com