| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSD1850Z bảng dữ liệu(PDF) 18 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
SSD1850Z bảng dữ liệu(HTML) 18 Page - List of Unclassifed Manufacturers |
|
18 / 56 page ![]() SSD1850/51 Series Rev 1.2 01/2003 SOLOMON 14 FUNCTIONAL BLOCK DESCRIPTIONS Command Decoder and Command Interface This module determines whether the input data is interpreted as data or command. Data is directed to this module based upon the input of the D/ C pin. If D/ C is high, data is written to Graphic Display Data RAM (GDDRAM). If D/ C is low, the input at D0-D7 is interpreted as a Command and it will be decoded and written to the corresponding command register. Reset is of the same function as Power ON Reset (POR). Once RES receives a negative reset pulse of about 1us, all internal circuitry will be back to its initial status. Refer to Command Description section for more information. MPU Parallel 6800-series Interface The parallel interface consists of 8 bi-directional data pins (D0-D7), R/W( WR ), D/ C , E( RD ) and CS . R/W( WR ) input High indicates a read operation from the Graphic Display Data RAM (GDDRAM) or the status register. R/W( WR ) input Low indicates a write operation to Display Data RAM or Internal Command Registers depending on the status of D/ C input. The E( RD ) and CS input serves as data latch signal (clock) when they are high and low respectively. Refer to P.35, Figure 1 of parallel timing characteristics for Parallel Interface Timing Diagram of 6800-series microprocessors. In order to match the operating frequency of display RAM with that of the microprocessor, pipeline processing is internally performed which requires the insertion of a dummy read before the first actual display data read. This is shown in Figure 4 below. Figure 4 - display data read with the insertion of dummy read MPU Parallel 8080-series interface The parallel interface consists of 8 bi-directional data pins (D0-D7), R/W( WR ), E( RD ), D/ C and CS . The CS input serves as data latch signal (clock) when it is low. Whether it is display data or status register read is controlled by D/ C . R/W( WR ) and E( RD ) input indicate a write or read cycle when CS is low. Refer to P.37, Figure 2 of parallel timing characteristics for Parallel Interface Timing Diagram of 8080- series microprocessor. Similar to 6800-series interface, a dummy read is also required before the first actual display data read. R/W( WR ) Data bus write column address dummy read data read1 data read 2 data read 3 N n n+1 n+2 E( RD ) |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |