| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD9675KBCZ bảng dữ liệu(PDF) 58 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9675KBCZ bảng dữ liệu(HTML) 58 Page - Analog Devices |
|
58 / 61 page ![]() Data Sheet AD9675 Rev. A | Page 57 of 60 Addr. (Hex) Register Name Bit 7 (MSB) Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 (LSB) Default Value Comments 0x181 JTX_CLK_ CNTL_2 0 0 0 0 0 PLL N-divider setting (in powers of 2) 000 = divide by 1 (Z = ÷5, default) 001 = divide by 2 (Z = ÷10) 010 = divide by 4 (Z = ÷20) 011 = divide by 8 (Z = ÷40) 100 = divide by 16 (Z = ÷80) 101 = reserved 110 = reserved 111 = reserved 0x00 PLL N-divider setting (global) 0x182 PLL_ STARTUP PLL auto- configure 0 = disable (default) 1 = enable 0 0 0 0 0 1 0 0x02 PLL control (global) 0x183 RESERVED_ 183 0 0 0 0 0 1 1 1 0x07 Reserved 0x184 RESERVED_ 184 0 0 0 0 0 0 0 0 0x00 Reserved 0x186 DATA_ VALID_ RESYNC 1 0 1 0 One time data resync with JESD clock after TX_TRIG 0 = disable resync 1 = enable resync (default) Continu- ous data resync with JESD clock 0 = disable resync 1 = enable resync (default) One time SYSREF resync with JESD clock after TX_TRIG 0 = disable resync 1 = enable resync (default) Continuous SYSREF resync with JESD clock 0 = disable resync (default) 1 = enable resync 0xAE Data and SYSREF resync 0x188 START_ CODE_EN 0 0 0 0 0 0 0 Start code identifier 0 = disable 1 = enable (default) 0x01 Enable start code identifier (global) 0x189 RESERVED 0 0 0 0 0 0 0 0 0x00 Reserved 0x18A RESERVED 0 0 0 0 0 0 0 0 0x00 Reserved 0x18B START_ CODE_ MSB 0 0 1 0 0 1 1 1 0x27 Start code MSB (global) 0x18C START_ CODE_ LSB 0 1 1 1 0 0 1 0 0x72 Start code LSB (global) 0x190 FRAME_ SIZE_ MSB X X X Automa- tically set frame size 0 = disable 1 = enable (default) X X X X 0x10 Automati- cally set frame size (global) 0x191 RESERVED_ 191 0 0 0 0 0 0 0 0 0x00 Reserved 0x192 RESERVED_ 192 0 0 0 1 1 0 0 0 0x18 Reserved 0x193 RESERVED_ 193 0 0 0 0 0 0 0 0 0x00 Reserved 0x194 RESERVED_ 194 0 0 0 1 1 1 0 0 0x1C Reserved 0x195 RESERVED_ 195 0 0 0 0 0 0 0 0 0x00 Reserved 0x196 RESERVED_ 196 0 0 0 1 1 0 0 0 0x18 Reserved |