công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AXC1T45DBVR bảng dữ liệu(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AXC1T45DBVR
Giải thích chi tiết về linh kiện  Single-Bit Dual-Supply Bus Transceiver With Configurable Voltage Translation and Tri-State Outputs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AXC1T45DBVR bảng dữ liệu(HTML) 49 Page - Texas Instruments

Back Button SN74AXC1T45DBVR Datasheet HTML 45Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 46Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 47Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 48Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 49Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 50Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 51Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 52Page - Texas Instruments SN74AXC1T45DBVR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 65 page
background image
1
2
3
6
5
4
VCC1
VCC1
VCC2
VCC2
SYSTEM-1
SYSTEM-2
49
SN74AXC1T45
www.ti.com
SCES882 – DECEMBER 2017
Product Folder Links: SN74AXC1T45
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The SN74AXC1T45 device can be used in level-translation applications for interfacing devices or systems with
one another when they are operating at different interface voltages. The maximum data rate can be up to 500
Mbps when the device translate signal is from 1.8 V to 3.3 V.
9.1.1 Enable Times
Calculate the enable times for the SN74AXC1T45 using the following formulas:
tPZH (DIR to A) = tPLZ (DIR to B) + tPLH (B to A)
(1)
tPZL (DIR to A) = tPHZ (DIR to B) + tPHL (B to A)
(2)
tPZH (DIR to B) = tPLZ (DIR to A) + tPLH (A to B)
(3)
tPZL (DIR to B) = tPHZ (DIR to A) + tPHL (A to B)
(4)
In a bidirectional application, these enable times provide the maximum delay time from the time the DIR bit is
switched until an output is expected. For example, if the SN74AXC1T45 initially is transmitting from A to B, then
the DIR bit is switched; the B port of the device must be disabled before presenting it with an input. After the B
port has been disabled, an input signal applied to it appears on the corresponding A port after the specified
propagation delay.
9.2 Typical Applications
9.2.1 Unidirectional Logic Level-Shifting Application
Figure 21 shows an example of the SN74AXC1T45 being used in a unidirectional logic level-shifting application.
Figure 21. Unidirectional Logic Level-Shifting Application
Table 3. Unidirectional Level Shifting Function
PIN
NAME
FUNCTION
DESCRIPTION
1
VCCA
VCC1
SYSTEM-1 supply voltage (0.65 V to 3.6 V)
2
GND
GND
Device GND
3
A
OUT
Output level depends on VCC1 voltage.
4
B
IN
Input threshold value depends on VCC2 voltage.
5
DIR
DIR
GND (low level) determines B-port to A-port direction.
6
VCCB
VCC2
SYSTEM-2 supply voltage (0.65 V to 3.6 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com