công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT36A2 bảng dữ liệu(PDF) 17 Page - Holtek Semiconductor Inc

tên linh kiện HT36A2
Giải thích chi tiết về linh kiện  8-Bit Music Synthesizer MCU
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A2 bảng dữ liệu(HTML) 17 Page - Holtek Semiconductor Inc

Back Button HT36A2 Datasheet HTML 13Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 14Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 15Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 16Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 17Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 18Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 19Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 20Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 21Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
HT36A2
Rev. 1.00
17
June 19, 2003
· Envelope type definition
The HT36A2 provides a function to easily program the
envelope by setting the data of ENV[1~0] and A_R. It
forms a vibrato effect by a change of the volume to at-
tach and release alternately.
The A_R signal is used to define the volume change in
attach mode or release mode and ENV[1~0] is used to
define which volume control bit will be changeable. On
the attach mode, the control bits will be sequentially
signaled down to 0. On the release mode, the control
bits will be sequentially signaled up to 1. The relation-
ship is shown in the following table.
· The PCM code definition
The HT36A2 can only solve the voice format of the
signed 8-bit raw PCM. And the MCU will take the voice
code 80H as the end code.
So each PCM code section must be ended with the
end code 80H.
Mask Option
No.
Mask Option
Function
1
WDT source
On-chip RC/Instruction clock/
disable WDT
2
CLRWDT times
One time, two times
(CLR WDT1/WDT2)
3
Wake-up
PA only
4
Pull-High
PA, PB, PC0~3 input
5
OSC mode
Crystal or Resistor type
A_R
ENV1
ENV0
Volume Control Bit
Control Bit Final Value
Mode
0
0
0
VR2~0
111b
Release mode
0
0
1
VR1~0
11b
0
1
0
VR0
1b
x
1
1
No Bit
unchanged
No change mode
1
0
0
VR2~0
000b
Attach mode
1
0
1
VR1~0
00b
1
1
0
VR0
0b
Envelope type definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com