công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HT36A2 bảng dữ liệu(PDF) 7 Page - Holtek Semiconductor Inc

tên linh kiện HT36A2
Giải thích chi tiết về linh kiện  8-Bit Music Synthesizer MCU
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOLTEK [Holtek Semiconductor Inc]
Trang chủ  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36A2 bảng dữ liệu(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT36A2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36A2 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
HT36A2
Rev. 1.00
7
June 19, 2003
other type is for wavetable code, which is addressed by
the start address ST11~0. On the program type,
WA15~0= PF2~0
´ 213+ PC12~0. On the wave table
ROM type, WA15~0=ST11~0
´ 25.
Program Memory
- ROM
The program memory is used to store the program in-
structions which are to be executed. It also contains
data, table, and interrupt entries, and is organized into
8192
´16 bits, addressed by the bank pointer, program
counter and table pointer.
Certain locations in the program memory of each bank
are reserved for special usage:
· Location 000H on bank0
This area is reserved for the initialization program. Af-
ter chip reset, the program always begins execution at
location 000H on bank0.
· Location 008H
This area is reserved for the Timer Counter 0 interrupt
service program on each bank. If timer interrupt results
from a timer counter 0 overflow, and if the interrupt is
enabled and the stack is not full, the program begins ex-
ecution at location 008H corresponding to its bank.
· Location 00CH
This area is reserved for the Timer Counter 1 interrupt
service program on each bank. If a timer interrupt re-
sults from a Timer Counter 1 overflow, and if the inter-
rupt is enabled and the stack is not full, the program
begins execution at location 00CH corresponding to
its bank.
· Table location
Any location in the ROM space can be used as
look-up tables. The instructions TABRDC [m] (the cur-
rent page, 1 page=256 words) and TABRDL [m] (the
last page) transfer the contents of the lower-order
byte to the specified data memory, and the
higher-order byte to TBLH (08H). Only the destination
of the lower-order byte in the table is well-defined, the
higher-order byte of the table word are transferred to
the TBLH. The Table Higher-order byte register
(TBLH) is read only. The Table Pointer (TBLP) is a
read/write register (07H), which indicates the table lo-
cation. Before accessing the table, the location must
be placed in TBLP. The TBLH is read only and cannot
be restored. If the main routine and the ISR (Interrupt
Service Routine) both employ the table read instruc-
tion, the contents of the TBLH in the main routine are
likely to be changed by the table read instruction used
in the ISR. Errors can occur. In this case, using the ta-
ble read instruction in the main routine and the ISR si-
multaneously should be avoided. However, if the
table read instruction has to be applied in both the
main routine and the ISR, the interrupt should be dis-
abled prior to the table read instruction. It will not be
enabled until the TBLH has been backed up. All table
related instructions need 2 cycles to complete the op-
eration. These areas may function as normal program
memory depending upon user requirements.
· Bank pointer
The program memory is organized into 8 banks and
each bank into 8192
´ 16 bits of program ROM.
PF[2~0] is used as the bank pointer. After an instruc-
tion has been executed to write data to the PF register
to select a different bank, note that the new bank will
not be selected immediately. It is not until the following
instruction has completed execution that the bank will
be actually selected. It should be note that the PF reg-
ister has to be cleared before setting to output mode.
Wavetable ROM
The ST[11~0] is used to defined the start address of
each sample on the wavetable and read the waveform
data from the location. HT36A2 provides 16 output ad-
dress lines from WA[15~0], the ST[11~0] is used to lo-
Instruction(s)
Table Location
*12
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P12
P11
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
11111
@7
@6
@5
@4
@3
@2
@1
@0
Table location
Note:
*12~*0: Bits of table location
@7~@0: Bits of table pointer
P12~P8: Bits of current Program Counter
0 0 0 0 H
0 0 0 8 H
T i m e r C o u n t e r 0 i n t e r r u p t s u b r o u t i n e
P r o g r a m
R O M
1 6 b i t s
L o o k - u p t a b l e ( 2 5 6 w o r d s )
n 0 0 H
L o o k - u p t a b l e ( 2 5 6 w o r d s )
1 F F F H
N o t e : n r a n g e s f r o m 0 0 t o 1 F .
n F F H
T i m e r C o u n t e r 1 i n t e r r u p t s u b r o u t i n e
0 0 0 C H
D e v i c e i n i t i a l i z a t i o n p r o g r a m
Program memory for each bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com