công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SLG46121V bảng dữ liệu(PDF) 36 Page - Dialog Semiconductor

tên linh kiện SLG46121V
Giải thích chi tiết về linh kiện  Personal Computers and Servers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIALOG [Dialog Semiconductor]
Trang chủ  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

SLG46121V bảng dữ liệu(HTML) 36 Page - Dialog Semiconductor

Back Button SLG46121V Datasheet HTML 32Page - Dialog Semiconductor SLG46121V Datasheet HTML 33Page - Dialog Semiconductor SLG46121V Datasheet HTML 34Page - Dialog Semiconductor SLG46121V Datasheet HTML 35Page - Dialog Semiconductor SLG46121V Datasheet HTML 36Page - Dialog Semiconductor SLG46121V Datasheet HTML 37Page - Dialog Semiconductor SLG46121V Datasheet HTML 38Page - Dialog Semiconductor SLG46121V Datasheet HTML 39Page - Dialog Semiconductor SLG46121V Datasheet HTML 40Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
000-0046121--106
Page 35 of 97
SLG46121
9.0 Combinatorial Logic
Combinatorial logic is supported via five Lookup Tables (LUTs) within the SLG46121. There is one 2-bit LUT and four 3-bit LUTs.
The device also includes 11 Combination Function Macrocells that can be used as LUTs. For more details, please see Section
10.0 Combination Function Macrocells.
Inputs/Outputs for the four LUTs are configured from the connection matrix with specific logic functions being defined by the state
of NVM bits. The outputs of the LUTs can be configured to any user defined function, including the following standard digital logic
devices (AND, NAND, OR, NOR, XOR, XNOR).
9.1 2-Bit LUT
The one 2-bit LUT takes in two input signals from the connection matrix and produce a single output, which goes back into the
connection matrix. ..
Each 2-bit LUT uses a 4-bit register signal to define their output functions;
2-Bit LUT4 is defined by reg <415:412>
The table below shows the register bits for the standard digital logic devices (AND, NAND, OR, NOR, XOR, XNOR) that can be
created within each of the two 2-bit LUT logic cells.
Figure 9. 2-bit LUT
Table 18. 2-bit LUT Standard Digital Functions.
Function
MSB
LSB
AND-2
1
000
NAND-2
0
1
1
1
OR-2
1
110
NOR-2
0
0
0
1
XOR-2
0
110
XNOR-2
1
001
2-bit LUT4 OUT
IN1
IN0
reg <415:412>
From Connection
Matrix Output <13>
From Connection
Matrix Output <14>
To Connection
Matrix Input <10>
Table 17. 2-bit LUT4 Truth Table.
IN1
IN0
OUT
0
0
reg <412>reg
0
1
reg <413>reg
1
0
reg <414>reg
1
1
reg <415>reg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98