| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
0834219042
|
104Kb / 2P |
Comercial Micro-D, CMD Single Ended, 9 Circuits, Female - Pigtail, 0.46m (1.50) Length
|
|
0834219044
|
103Kb / 2P |
Comercial Micro-D, CMD Single Ended, 9 Circuits, Female - Pigtail, 1.83m (6.0 ) Length
|
|
1300060298
|
27Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Female (Straight) to Pigtail, 18 AWG, PVC Cable, 0.91m (3.0) Length
01/31/2023 |
|
1300060812
|
27Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 18 AWG, PVC Cable, 0.91m (3.0) Length
04/24/2023 |
|
1300061256
|
27Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 18 AWG, PVC Cable, 0.91m (3.0) Length
02/01/2023 |
|
1300061579
|
27Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 6 Poles, Female (Straight) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
03/15/2023 |
|
1300080211
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 12 Poles, Female (90°) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
03/20/2023 |
|
1300080323
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 9 Poles, Female (Straight) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
01/31/2023 |
|
1300080350
|
22Kb / 1P |
Mini-Change C-Size Single-Ended Cordset, 9 Poles, Female (90°) to Pigtail, 16 AWG, PVC Cable,0.91m (3.0) Length
01/31/2023 |
|
1300080364
|
41Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 9 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 0.91m (3.0) Length
03/13/2023 |