| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
1300061160
|
38Kb / 1P |
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 0.91m (3.0) Length
03/21/2023 |
|
1300061579
|
27Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 6 Poles, Female (Straight) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
03/15/2023 |
|
1300070022
|
28Kb / 2P |
Mini-Change B-Size Single-Ended Cordset, 6 Poles, Female (Straight) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
02/28/2023 |
|
1300080023
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 10 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 0.91m (3.0) Length
02/01/2023 |
|
1300080096
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 10 Poles, Female (90°) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
02/01/2023 |
|
1300080115
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 10 Poles, Male (Straight) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
02/28/2023 |
|
1300080154
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 12 Poles, Female (Straight) to Pigtail, 12 AWG, Yellow PVC Cable, 0.91m (3.0) Length
03/22/2023 |
|
1300080211
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 12 Poles, Female (90°) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
03/20/2023 |
|
1300080350
|
22Kb / 1P |
Mini-Change C-Size Single-Ended Cordset, 9 Poles, Female (90°) to Pigtail, 16 AWG, PVC Cable,0.91m (3.0) Length
01/31/2023 |
|
1300080364
|
41Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 9 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 0.91m (3.0) Length
03/13/2023 |