| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
1300060529
|
36Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 0.91m (3.0) Length
04/24/2023 |
|
1300060643
|
27Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 3 Poles, Male (90°) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
02/28/2023 |
|
1300060812
|
27Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 4 Poles, Female (Straight) to Pigtail, 18 AWG, PVC Cable, 0.91m (3.0) Length
04/24/2023 |
|
1300061160
|
38Kb / 1P |
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 16 AWG, Yellow PVC Cable, 0.91m (3.0) Length
03/21/2023 |
|
1300061256
|
27Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 5 Poles, Female (Straight) to Pigtail, 18 AWG, PVC Cable, 0.91m (3.0) Length
02/01/2023 |
|
1300061579
|
27Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 6 Poles, Female (Straight) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
03/15/2023 |
|
1300061651
|
28Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 6 Poles, Female (90°) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
03/15/2023 |
|
1300061672
|
27Kb / 2P |
Mini-Change A-Size Single-Ended Cordset, 6 Poles, Male (Straight) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
04/24/2023 |
|
1300070022
|
28Kb / 2P |
Mini-Change B-Size Single-Ended Cordset, 6 Poles, Female (Straight) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
02/28/2023 |
|
1300080323
|
28Kb / 2P |
Mini-Change C-Size Single-Ended Cordset, 9 Poles, Female (Straight) to Pigtail, 16 AWG, PVC Cable, 0.91m (3.0) Length
01/31/2023 |