| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SA2005M bảng dữ liệu(PDF) 3 Page - Sames |
|
|
|||||||||||||||||||||||||||||
SA2005M bảng dữ liệu(HTML) 3 Page - Sames |
|
3 / 12 page ![]() sames PM2005M/P 3/12 http://www.sames.co.za http://www.sames.co.za CONNECTOR DESCRIPTION SK1 Connects the three phase 4 wire supply to the module. Programming interface for the IIC EEPROM. J8 (SA2005P only) sames PM2005M/P J1 J2 J3 J7 J6 GND J5 VSS J4 VDD S1 VSS VDD PH/DIR RA RE IM S2 S3 RA RE IM S4 S5 S6 S7 S8 S9 U1 S10 U2 J8 VDD VSS SCL SDA RLOAD Figure 2: Jumper positions Note that the usual pull up resistors associated with devices on a IIC bus is integrated in the SA2005P IC. The SA2005P’s CL input is a weak driver and can be overdriven by any external signal. Loading of this pin with external circuitry may influence the SA2005P's ability to reload its registers from the EEPROM. Number 1 2 3 4 5 Signal Name VDD VSS SCL SDA RLOAD SA2005P (U1) Pin 6 Pin 14 Pin 8 Pin 9 Pin 7 24C01 (U2) Pin 8 Pin 1, 2, 3, 4 Pin 6 Pin 5 NC |