công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS6011-02 bảng dữ liệu(PDF) 10 Page - List of Unclassifed Manufacturers

tên linh kiện FS6011-02
Giải thích chi tiết về linh kiện  DIGITAL AUDIO/VIDEO CLOCK GENERATOR IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC - List of Unclassifed Manufacturers

FS6011-02 bảng dữ liệu(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FS6011-02 Datasheet HTML 6Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 7Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 8Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 9Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 10Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 11Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 12Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 13Page - List of Unclassifed Manufacturers FS6011-02 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
XT
July 1998
10
7.20.98
)6
'LJLWDO $XGLR9LGHR &ORFN *HQHUDWRU ,&
,62
Table 14: AC Timing Specifications, continued
Unless otherwise stated, VDD = 5.0V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal characterization
data and are not production tested to any specific limits. Where given, MIN and MAX characterization data are
± 3σ from typical.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
CLOCK
(MHz)
MIN.
TYP.
MAX.
UNITS
Clock Output (PCLK)
32.000
48
52
40.000
48
52
50.000
48
52
Duty Cycle *
From rising edge to rising edge at 2.5V
39.512
48
52
%
32.000
410
40.000
620
50.000
630
Jitter, Absolute (long term) *
tj(ab)
Measured from rising edge to 1
st rising
edge after 0.1s at 2.5V;
CL = 15pF, fREF = 27MHz
39.512
620
ps
32.000
430
40.000
460
50.000
530
Jitter, Period *
tj(∆P)
Measured on the rising edges at 2.5V;
CL = 15pF, fREF = 27MHz
39.512
670
ps
Rise Time *
tr
VO = 0.5V to 4.5V; CL = 15pF
3.6
ns
Fall Time *
tf
VO = 4.5V to 0.5V; CL = 15pF
2.4
ns
Clock Stabilization *
tSTB
Output active from power-up
400
µs
Clock Output (CLK27)
Duty Cycle *
Crystal oscillator frequency out, from rising
edge to rising edge at 2.5V
27
44
48
%
Clock Stabilization Time *
tSTB
Output active from power-up
150
µs
Rise Time *
tr
VO = 0.5V to 4.5V; CL = 15pF
3.8
ns
Fall Time *
tf
VO = 4.5V to 0.5V; CL = 15pF
2.9
ns
Table 15: Serial Interface Timing Specifications
Unless otherwise stated, VDD = 5.0V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal characterization
data and are not production tested to any specific limits. Where given, MIN and MAX characterization data are
± 3σ from typical.
PARAMETER
SYMBOL
CONDITIONS/DESCRIPTION
MIN.
MAX.
UNITS
SCLK clock frequency
fSCLK
0
100
kHz
Set up time, load
tsu:LD
SLOAD
4.7
µs
Hold time, load
thd:LD
SLOAD
4.0
µs
Set up time, data
tsu:DAT
SDATA
250
ns
Hold time, data
thd:DAT
SDATA
0
µs
Rise time
tr
SDATA, SCLK
1000
ns
Fall time
tf
SDATA, SCLK
300
ns
High time, serial clock
tH
SCLK
4.0
µs
Low time, serial clock
tL
SCLK
4.7
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com